Electronic Components Datasheet Search
  English  ▼

X  

AS1923 Datasheet(PDF) 9 Page - ams AG

Part # AS1923
Description  Quad-Voltage Microprocessor Supervisory Circuit
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1923 Datasheet(HTML) 9 Page - ams AG

Back Button AS1923 Datasheet HTML 5Page - ams AG AS1923 Datasheet HTML 6Page - ams AG AS1923 Datasheet HTML 7Page - ams AG AS1923 Datasheet HTML 8Page - ams AG AS1923 Datasheet HTML 9Page - ams AG AS1923 Datasheet HTML 10Page - ams AG AS1923 Datasheet HTML 11Page - ams AG AS1923 Datasheet HTML 12Page - ams AG AS1923 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
www.austriamicrosystems.com/Supervisors/AS1923
Revision 1.01
8 - 16
AS1923
Datasheet - Detailed Descr i pti on
8 Detailed Description
The AS1923 is a very small, low-power, quad-voltage microprocessor supervisory circuit designed to maintain system integrity in multi-supply
systems (see Figure 10). The device offers several factory-trimmed under-voltage threshold values that minimize or eliminate the need for exter-
nal components.
Preset voltage monitoring values of +5.0, +3.3, +3.0, +2.5, +1.8, and -5.0V (see Ordering Information on page 14) are available for a wide range
of applications such as telecommunications equipment, desktop and notebook computers, high-end printers, data storage equipment, and net-
working equipment applications.
The device is powered via the IN2 input (3.0 to 3.3V) and a reset is asserted if VIN1 or VIN2 is > 1V. For improved performance, the AS1923 was
also designed to ignore fast INx transients.
Figure 10. AS1923 - Block Diagram
The quad-voltage monitor/reset circuitry includes an accurate bandgap reference, four precision comparators, and a series of internal trimmed
resistor-divider networks to set the factory-trimmed reset threshold values.
The resistor networks scale the specified INx reset voltages to match the internal bandgap reference/comparator voltage. User-adjustable
threshold options bypass the internal resistor networks and connect directly to one of the comparator inputs (an external resistor-divider network
is required for threshold matching).
Each of the internal comparators has a typical hysteresis of 0.5% with respect to its reset threshold. This built-in hysteresis improves device
immunity to ambient noise without significantly reducing threshold accuracy when an input sits at its specified reset voltage.
Note:
Threshold voltage options (fixed and adjustable) are designated by the single-letter code in the model number (see Ordering Informa-
tion on page 14).
AS1923
+
–
+
–
+
–
+
–
4
IN1
6
IN3
1
IN4
5
IN2
Timeout
(220ms)
5V Pullup
3
RESETN
3V
Bandgap
Reference
IN1
Optional on AS1923B Only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com