Electronic Components Datasheet Search
  English  ▼

X  

AS1923 Datasheet(PDF) 12 Page - ams AG

Part # AS1923
Description  Quad-Voltage Microprocessor Supervisory Circuit
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1923 Datasheet(HTML) 12 Page - ams AG

Back Button AS1923 Datasheet HTML 8Page - ams AG AS1923 Datasheet HTML 9Page - ams AG AS1923 Datasheet HTML 10Page - ams AG AS1923 Datasheet HTML 11Page - ams AG AS1923 Datasheet HTML 12Page - ams AG AS1923 Datasheet HTML 13Page - ams AG AS1923 Datasheet HTML 14Page - ams AG AS1923 Datasheet HTML 15Page - ams AG AS1923 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
www.austriamicrosystems.com/Supervisors/AS1923
Revision 1.01
11 - 16
AS1923
Datasheet - Application In form atio n
Negative Voltage Monitoring Beyond -5V
The AS1923 is available with options to monitor -5V supplies using internally trimmed thresholds. In cases where monitored supplies are more
negative than -5V, an external low-impedance resistor-divider network can be used as shown in Figure 14.
The current through the external resistor-divider should be greater than the input current for the -5V monitor options. For an input monitor current
error of <1%, the resistor-divider current should be
≥ 2mA (for IIN4 = 20µA max).
Figure 14. Negative Voltage Monitoring Beyond -5V
For the circuit shown in Figure 14, calculate R1 based on the desired VINx reset threshold voltage:
Where:
R2
≤ 2.49kΩ
VINTH is the desired threshold voltage.
VTH is the internal threshold voltage.
For -VIN = -12V nominal:
VINTH = -11.1V,
VTH = -4.63V,
R2 = 2.49k
Ω.
Using the equation given in (EQ 3), R1 can be calculated as:
Therefore, R1 = 3.48k
Ω
Power-Supply Bypassing and Grounding
The AS1923 is powered from the IN2 supply input. All monitor inputs are immune to fast supply transients.
If higher immunity is required in noisy systems, connect 0.1µF bypass capacitors from the IN2 input to ground (see Figure 15). Additional capac-
itance can be added to IN1, IN3, and IN4 to improve noise immunity at these inputs.
Figure 15. IN2 Additional Noise Immunity
–
+
+
–
VINTH
VREF =
1.23V
R2
R1
-5V
(EQ 3)
R1
R2
VINTH
1,23V
----------------1
–
⎝⎠
⎛⎞
×
=
R1
2,49k
Ω
11,1V
–
4,63V
–
-------------------1
–
⎝⎠
⎛⎞
×
=
5
IN2
2
GND
3.0 to
3.3V
0.1µF
AS1923



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com