Electronic Components Datasheet Search
  English  ▼

X  

AS2540 Datasheet(PDF) 8 Page - ams AG

Part # AS2540
Description  Remote Controlled Single-Chip-Telephone
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2540 Datasheet(HTML) 8 Page - ams AG

Back Button AS2540 Datasheet HTML 4Page - ams AG AS2540 Datasheet HTML 5Page - ams AG AS2540 Datasheet HTML 6Page - ams AG AS2540 Datasheet HTML 7Page - ams AG AS2540 Datasheet HTML 8Page - ams AG AS2540 Datasheet HTML 9Page - ams AG AS2540 Datasheet HTML 10Page - ams AG AS2540 Datasheet HTML 11Page - ams AG AS2540 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Data Sheet AS2540
austriamicrosystems
Revision 3.1
Page 7 of 18
d7
d6
d5
d4
d3
d2
d1
d0
Pin-Control message
Notes
xx
10111
1
SetTestmode
FOR FACTORY TEST ONLY
xx
10100
1
MuteON
Mute Transmit path
xx
10101
1
MuteOFF
d7
d6
d5
d4
d3
d2
d1
d0
Path-Control message
Notes
xx
11001
1
SetHandsetPath
xx
11101
1
SetMonitorPath
xx
11010
1
SetModemPath
xx
11000
1
RequestStatus
AS2540 sends Status information
xx
11011
1
reserved
<LineEvent>
xx
11100
1
reserved
<LineEvent>
xx
11110
1
reserved
<LineEvent>
xx
11111
1
reserved
<LineEvent>
Tx messages
<Ack> message
<Ack> message format for <RequestStatus>
b7
MSB
b6
b5
b4
b3
b2
01
LSB
b7
b6
b5
b4
b3
b2
b1
b0
Status
Remark
1
0
1
valid ring signal detected
0
0
1
no ring signal
1
0
1
manual hook switch - off-hook (pin MHS)
0
0
1
manual hook switch - on-hook (pin MHS)
1
0
1
electronic hook switch - off-hook (pin EHS)
0
0
1
electronic hook switch - on-hook (pin EHS)
Status of AS2540
000
0
1
no LLC comparator .....................
001
0
1
LLC comparator 20mA (45mA) ...
010
0
1
LLC comparator 26mA (51mA) ...
011
0
1
LLC comparator 32mA (57mA) ...
100
0
1
LLC comparator 38mA (63mA) ...
101
0
1
LLC comparator 44mA (69mA) ...
110
0
1
LLC comparator 50mA (75mA) ...
coded status of
LLC comparator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com