Electronic Components Datasheet Search
  English  ▼

X  

AS2540 Datasheet(PDF) 10 Page - ams AG

Part # AS2540
Description  Remote Controlled Single-Chip-Telephone
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2540 Datasheet(HTML) 10 Page - ams AG

Back Button AS2540 Datasheet HTML 6Page - ams AG AS2540 Datasheet HTML 7Page - ams AG AS2540 Datasheet HTML 8Page - ams AG AS2540 Datasheet HTML 9Page - ams AG AS2540 Datasheet HTML 10Page - ams AG AS2540 Datasheet HTML 11Page - ams AG AS2540 Datasheet HTML 12Page - ams AG AS2540 Datasheet HTML 13Page - ams AG AS2540 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Data Sheet AS2540
austriamicrosystems
Revision 3.1
Page 9 of 18
The MF output levels are set to -4/-6dB which should allow
efficient backup dialling under all line conditions. The
TONE/PAUSE ratio is 90ms/90ms. The preemphasis
between low group and high group frequencies is t.m.
2.6dB.
FLASH timing
CPU can control the DPn pin and the MASK-mode of
AS2540 via serial interface.
Tone Ringer
Ring frequency discrimination
The ring frequency discrimination assures that only signals
with a frequency between 13Hz and 70Hz are regarded as
valid ring signals.
When a valid ring signal is present for 102ms continuously,
the ring melody generator is activated and remains active
as long as a valid ring signal is present.
Once the ring melody generator has started, the ring signal
is continuously monitored and the ring melody generator is
instantly turned off according to the momentary presence
of a valid or invalid ring signal until next off-hook.
Toner ringer melody
The 3 basic melody frequencies are:
-
F1=880Hz
-
F2=1067Hz
-
F3=1333Hz
The repetition rate is set to 4 which means that the
sequence of F1, F2, F3, F1, F2, F3 is repeated 4 times
within a second.
Keyboard connections
R1
1
PIN
C1
2
3
R2
4
5
6
7
8
9
*
0
#
PIN
C2
PIN
C3
PIN
R1
PIN
R2
PIN
MODE
c1
C2
C3
Double contacts under keys 0-9*#: One contact is
connected to AS2540, the other one to CPU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com