Electronic Components Datasheet Search
  English  ▼

X  

AS3647 Datasheet(PDF) 27 Page - ams AG

Part # AS3647
Description  1600mA High Current LED Flash Driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3647 Datasheet(HTML) 27 Page - ams AG

Back Button AS3647 Datasheet HTML 23Page - ams AG AS3647 Datasheet HTML 24Page - ams AG AS3647 Datasheet HTML 25Page - ams AG AS3647 Datasheet HTML 26Page - ams AG AS3647 Datasheet HTML 27Page - ams AG AS3647 Datasheet HTML 28Page - ams AG AS3647 Datasheet HTML 29Page - ams AG AS3647 Datasheet HTML 30Page - ams AG AS3647 Datasheet HTML 31Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
www.austriamicrosystems.com/AS3647
1.5-4
26 - 37
AS3647/47B
Datasheet, Confidential - D e ta i l e d D e s c r i p t i o n
Table 11. Flash Timer Register
Addr: 5
Flash Timer Register
This register identifies the flash timer and timeout settings
Bit
Bit Name
Default Access
Description
7:0
flash_timeout
23h
R/W
Define the duration of the flash timer and timeout timer
0h
2ms
1h
4ms
2h
6ms
...
...
23h
72ms - default
...
...
7F
256ms
80
264ms(now 8 ms LSB steps from here on)
1
81
272ms
82
280ms
...
...
FEh
1272ms
FFh
1280ms
1. Internal calculation for codes above 80h: flash timeout [ms] = (flash_timeout-127) * 8 + 256 [ms]
Table 12. Control Register
Addr: 6
Control Register
This register identifies the operating mode and includes an all on/off bit
Bit
Bit Name
Default Access
Description
1:0
mode_setting
00
R/W
Define the AS3647/47B operating mode
00
shutdown or external torch mode if
ext_torch_on (page 24)=10
01
indicator mode (or low current mode using PWM)
LED current is defined by the 6LSB bits of led_current
pwm modulated with 31.25kHz defined by register
inct_pwm (1/16...4/16)
10
assist light mode:
LED current is defined by the 7LSB
1 bits of
led_current
11
flash mode:
LED current is defined by led_current
(out_on and mode_setting are automatically cleared
after a flash pulse)
2
reserved
X
R
reserved - don’t use, always write 0
3
out_on
0R/W
Enables the output current sinks (pin LED_OUT1/2)
0
outputs disabled
1
outputs enabled
(out_on and mode_setting are automatically cleared
after a flash pulse)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com