Electronic Components Datasheet Search
  English  ▼

X  

AS3910 Datasheet(PDF) 66 Page - ams AG

Part # AS3910
Description  13.56 MHz RFID Reader IC, ISO-14443 A/B
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3910 Datasheet(HTML) 66 Page - ams AG

Back Button AS3910 Datasheet HTML 62Page - ams AG AS3910 Datasheet HTML 63Page - ams AG AS3910 Datasheet HTML 64Page - ams AG AS3910 Datasheet HTML 65Page - ams AG AS3910 Datasheet HTML 66Page - ams AG AS3910 Datasheet HTML 67Page - ams AG AS3910 Datasheet HTML 68Page - ams AG AS3910 Datasheet HTML 69Page - ams AG AS3910 Datasheet HTML 70Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 77 page
background image
AS3909/AS3910 – 66
ams Datasheet, Confidential: 2013-Oct [3-02]
A p pl i c at io n I n f o r m at i o n
Transparent Mode
The AS3909/10 framing supports the ISO-14443 standard.
Other standard and custom 13.56MHz RFID reader protocols
can be realized using the AS3909/10 AFE and framing
implemented in the external microcontroller.
After sending the direct command Transparent Mode the
external microcontroller directly controls the transmission
modulator and gets the
Receiver output (control logic becomes “transparent”).
The Transparent Mode is entered on falling edge of signal SEN
after sending the command Transparent Mode and is
maintained as long as the signal SEN is kept low. Before sending
the direct command Transparent Mode the Transmitter and
Receiver have to be turned on, the AFE have to be configured
properly.
While the AS3909/10 is in the Transparent Mode the AFE is
controlled directly through SPI interface:
• The Transmitter modulation is controlled by pin SDATAI
(high is modulator on)
• Signal rx_on is controlled by pin SCLK (high enables RSSI
and AGC)
• The Receiver output is sent to pin SDATAO
By controlling the rx_on advanced Receiver features like the
RSSI and AGC can be used.
Configuration bits related to the ISO mode, framing and FIFO
are of course meaningless in Transparent Mode, all other
configuration bits are respected.
For communication reader to transponder the OOK and AM
modulation are supported. Type of the modulation is defined
by writing the bit 6 (am) of the Configuration Register 5 (#05).
The direct command Calibrate Modulation Depth supports
modulation depths up to 30%, by writing the AM Modulated
Level Definition Register (#12) also definition of deeper am
modulation is possible.
The Receiver filters support the subcarrier frequencies from 212
kHz to 848 kHz. The filter characteristics are defined by writing
the bits fs2 to fs0 in the Receiver Configuration Register (#6).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com