Electronic Components Datasheet Search
  English  ▼

X  

AS3910 Datasheet(PDF) 52 Page - ams AG

Part # AS3910
Description  13.56 MHz RFID Reader IC, ISO-14443 A/B
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3910 Datasheet(HTML) 52 Page - ams AG

Back Button AS3910 Datasheet HTML 48Page - ams AG AS3910 Datasheet HTML 49Page - ams AG AS3910 Datasheet HTML 50Page - ams AG AS3910 Datasheet HTML 51Page - ams AG AS3910 Datasheet HTML 52Page - ams AG AS3910 Datasheet HTML 53Page - ams AG AS3910 Datasheet HTML 54Page - ams AG AS3910 Datasheet HTML 55Page - ams AG AS3910 Datasheet HTML 56Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 77 page
background image
AS3909/AS3910 – 52
ams Datasheet, Confidential: 2013-Oct [3-02]
A p pl i c at io n I n f o r m at i o n
Receiver State Display Register
Figure 48:
Receiver State Display Register
Note: At power up and after Set Default command, content of this register is set to 0.
Address # 17: Receiver State Display Register
Type: R
Bit
Name
Function
Comments
7
rssi_3
MSB
Stores peak value of RSSI
measurement. Automatically cleared
at beginning of transponder message
and with Clear RSSI command.
6
rssi_2
5
rssi_1
4
rssi_0
LSB
3oscok/rfp
Unlatched osc_ok flag in case nfc=0
Target activation detector output in case nfc=1
2gr_2
gr_2
gr_1
gr_0
Gain
reduction
Displays status of receiver gain
reduction (result of AGC, gain
reduction setting and Squelch
command)
1gr_1
0
0
0
0
0gr_0
00
1
3 dB
-
-
-
-
-
-
-
-
11
1
21 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com