Electronic Components Datasheet Search
  English  ▼

X  

AS3931-TPD Datasheet(PDF) 22 Page - ams AG

Part # AS3931-TPD
Description  3D Low Power Wakeup Receiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3931-TPD Datasheet(HTML) 22 Page - ams AG

Back Button AS3931-TPD Datasheet HTML 18Page - ams AG AS3931-TPD Datasheet HTML 19Page - ams AG AS3931-TPD Datasheet HTML 20Page - ams AG AS3931-TPD Datasheet HTML 21Page - ams AG AS3931-TPD Datasheet HTML 22Page - ams AG AS3931-TPD Datasheet HTML 23Page - ams AG AS3931-TPD Datasheet HTML 24Page - ams AG AS3931-TPD Datasheet HTML 25Page - ams AG AS3931-TPD Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
www.austriamicrosystems.com/AS3931
Revision 6.2
21 - 30
AS3931
Datasheet - Configuring the Product
9.3.4 C5 (WAKE Clear)
Bit C5 is used to reset the active low WAKE pin after the pin has been set as a result of receiving a valid code word (single or double wake
pattern) by one of the 3 channels, a POR or an internally generated Wakeup. Setting Bit C5 to 1, the WAKE pin is reset to high and held in high
state, to enable the channels for the next wake up signal, the bit C5 must be toggled to 0 afterwards. After power on, the WAKE-pin is activated
and the bit C5 has to be toggled high and low after a power on.
9.4 Test Mode Register
9.4.1 T0 (Test Mode Enable)
Bit T0 is used to define the pin function of the WAKE pin. When bit T0 is reset to 0, the WAKE pin is used for normal Wake Up detection (Single
or Double Wakeup from the receiver channels or internally generated wakeup). When bit T0 is set to 1, testmode signals are multiplexed to the
WAKE pin according to the selected test mode (T1, T2). After power on, the normal wake up detection mode is selected.
9.4.2 T1, T2 (Test Mode Select)
When bit T0 is set to 1, the following signals can be mapped to the WAKE pin. For signal description (see Figure 13).
DATA: received bit stream of the selected channel
WAKE: detected wake up of the selected channel
For the DATA and WAKE signal select the desired channel by setting Bits C0 and C1.
Table 15. C5 Bit Mode
C5
Mode
0
no effect
1
WAKE=H
Table 16. Register Data
Bit
POR state
Description
T0
0
Test mode enable
T1
0
Test mode select Bit 1
T2
0
Test mode select Bit 2
T3
0
not used
T4
1
RSSI step
T5
0
WAKE Generator on/off
Table 17. Register Address
Bit
Value
A0
0
A1
1
Table 18. T0 Bit Mode
T0
WAKE Pin function
0
WAKE
1
Test Mode Signals
Table 19. T1, T2 Bit Mode
T1
T2
WAKE Pin Function
0
0
DATA of selected channel
1
0
WAKE of selected channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com