Electronic Components Datasheet Search
  English  ▼

X  

AS3931-TPD Datasheet(PDF) 27 Page - ams AG

Part # AS3931-TPD
Description  3D Low Power Wakeup Receiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3931-TPD Datasheet(HTML) 27 Page - ams AG

Back Button AS3931-TPD Datasheet HTML 23Page - ams AG AS3931-TPD Datasheet HTML 24Page - ams AG AS3931-TPD Datasheet HTML 25Page - ams AG AS3931-TPD Datasheet HTML 26Page - ams AG AS3931-TPD Datasheet HTML 27Page - ams AG AS3931-TPD Datasheet HTML 28Page - ams AG AS3931-TPD Datasheet HTML 29Page - ams AG AS3931-TPD Datasheet HTML 30Page - ams AG AS3931-TPD Datasheet HTML 31Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
www.austriamicrosystems.com/AS3931
Revision 6.2
26 - 30
AS3931
Datasheet - Extende d O peratio n
10.6 Direct DATA Mode
In Direct Data Mode, the received DATA of a selected channel can be mapped to the WAKE pin. The DATA signal is the digital output of the
detector and is normally fed to the correlator, where it is scanned for the WAKE pattern (see Figure 13). To get the DATA signal at the WAKE pin,
follow the steps:
1. Enable Test Mode: set T0 = 1 in Test Mode Register
2. Select Test Mode: set T1 = 0 and T2 = 0 in Test Mode Register
3. Select Channel: set C0 and C1 in the Channel Select Register
The Direct DATA signals can also be mapped to the RSSI pin, which then becomes a digital output pin. To do this, make this step:
Select RSSI output mode digital:set C2 = 0 and C3 = 1 in the Channel Select Register
Note:
The RSSI pin is only active if the CS signal is active (CS = 1), otherwise RSSI is high Z.
10.7 Correlator Modes
Operation of the correlators can be modified regarding the error tolerances for the Zero-Half-Bits. In this case, the number of Zero-Half-Bits that
is allowed to be invalid can be set from 0 to 2. Please take into account that an increased error tolerance also reduces the immunity against
parasitic wakeups (WAKE detection when no data has been sent, due to noise or interferences).
10.8 Threshold Adaptation Filter Time Constant
Bit M4 is used to switch between a large and a small
τ of the detector threshold adaptation filter. A large τ is recommended, because it increases
the noise margin. A small
τ can be used to improve the wake sensitivity when non-specified Wake-Patterns are used.
10.9 RSSI and WAKE Pin Modes
This table gives an overview of the different signals that can be mapped to the RSSI and WAKE pin and how to program it.
Table 29. RSSI/WAKE-Pin Modes
Mode
CS
C3
C2
C1
C0
T0
T2
T1
WAKE-Pin: WAKE
X
X
X
X
X
0
X
X
WAKE-Pin: DATA1
X
X
X
0
0
1
0
0
WAKE-Pin: DATA2
X
X
X
0
1
1
0
0
WAKE-Pin: DATA3
X
X
X
1
0
1
0
0
WAKE-Pin: WAKE1
X
X
X
0
0
1
0
1
WAKE-Pin: WAKE2
X
X
X
0
1
1
0
1
WAKE-Pin: WAKE3
X
X
X
1
0
1
0
1
RSSI-Pin: WAKE
1
1
0
1
1
X
X
X
RSSI-Pin: DATA1
1
1
0
0
0
X
0
0
RSSI-Pin: DATA2
1
1
0
0
1
X
0
0
RSSI-Pin: DATA3
1
1
0
1
0
X
0
0
RSSI-Pin: WAKE1
1
1
0
0
0
X
0
1
RSSI-Pin: WAKE2
1
1
0
0
1
X
0
1
RSSI-Pin: WAKE3
1
1
0
1
0
X
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com