Electronic Components Datasheet Search
  English  ▼

X  

MAX4167ESA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4167ESA
Description  High-Output-Drive, Precision, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps with Shutdown
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4167ESA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4167ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4167ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4167ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4167ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4167ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4167ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4167ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4167ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4167ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
General Description
The MAX4165–MAX4169 family of operational amplifiers
combines excellent DC accuracy with high output current
drive, single-supply operation, and rail-to-rail inputs and
outputs. These devices operate from a single +2.7V to
+6.5V supply, or from dual ±1.35V to ±3.25V supplies.
They typically draw 1.2mA supply current, and are guar-
anteed to deliver 80mA output current.
The MAX4166/MAX4168 have a shutdown mode that
reduces supply current to 38µA per amplifier and
places the outputs into a high-impedance state. The
MAX4165–MAX4169’s precision performance com-
bined with high output current, wide input/output
dynamic range, single-supply operation, and low power
consumption makes them ideal for portable audio
applications and other low-voltage, battery-powered
systems. The MAX4165 is available in the space-saving
5-pin SOT23 package and the MAX4166 is available in
a tiny 2mm x 2mm x 0.8mm µDFN package.
Applications
Portable/Battery-Powered Audio Applications
Portable Headphone Speaker Drivers
Laptop/Notebook Computers
Sound Ports/Cards
Set-Top Boxes
Cell Phones
Hands-Free Car Phones (kits)
Signal Conditioning
Digital-to-Analog Converter Buffers
Transformer/Line Drivers
Motor Drivers
Features
♦ 80mA (min) Output Drive Capability
♦ Rail-to-Rail Input Common-Mode Voltage Range
♦ Rail-to-Rail Output Voltage Swing
♦ 1.2mA Supply Current per Amplifier
♦ +2.7V to +6.5V Single-Supply Operation
♦ 5MHz Gain-Bandwidth Product
♦ 250µV Offset Voltage
♦ 120dB Voltage Gain (RL = 100kΩ
Ω)
♦ 88dB Power-Supply Rejection Ratio
♦ No Phase Reversal for Overdriven Inputs
♦ Unity-Gain Stable for Capacitive Loads to 250pF
♦ Low-Power Shutdown Mode:
Reduces Supply Current to 38µA Places
Outputs in High-Impedance State
♦ Available in 5-Pin SOT23 Package (MAX4165) or
2mm x 2mm x 0.8mm µDFN (MAX4166)
High-Output-Drive, Precision, Low-Power, Single-
Supply, Rail-to-Rail I/O Op Amps with Shutdown
________________________________________________________________
Maxim Integrated Products
1
1
VEE
IN-
IN+
1
5 VCC
OUT
MAX4165
SOT23-5
TOP VIEW
2
3
4
Pin Configurations continued at end of data sheet.
Pin Configurations
Ordering Information
19-1224; Rev
3; 1/07
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Ordering Information continued on last page.
Selector Guide
PART
AMPS PER
PACKAGE
SHUTDOWN
MODE
MAX4165
Single
—
MAX4166
Single
Yes
MAX4167
Dual
—
MAX4168
Dual
Yes
MAX4169
Quad
—
Typical Operating Circuit appears at end of data sheet.
PART
TEMP RANGE
PIN-
PACKAGE
TOP
MARK
MAX4165EUK-T
-40°C to +85°C
5 SOT23-5
AABY
MAX4166EPA
-40°C to +85°C
8 Plastic DIP
—
MAX4166ESA
-40°C to +85°C
8 SO
—
MAX4166EUA
-40°C to +85°C
8 µMAX
—
MAX4166ELA+T
-40°C to +85°C
8 µDFN-8
AAG
+
Denotes lead-free package.


Similar Part No. - MAX4167ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4167ESA MAXIM-MAX4167ESA Datasheet
1Mb / 17P
High-Output-Drive, Precision, Low-Power, Single-Supply, Rail-to-Rail I-O Op Amps with Shutdown
Rev 3; 1/07
More results

Similar Description - MAX4167ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4165 MAXIM-MAX4165 Datasheet
230Kb / 16P
High-Output-Drive, Precision, Low-Power, Single- Supply, Rail-to-Rail I/O Op Amps with Shutdown
Rev 1; 10/97
MAX4330 MAXIM-MAX4330 Datasheet
176Kb / 16P
Single/Dual/Quad, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps with Shutdown
Rev 3; 2/98
logo
ams AG
AS1710 AMSCO-AS1710 Datasheet
750Kb / 17P
High-Output-Drive, 10MHz, 10V/關s, Rail-to-Rail I/O Op Amps with Shutdown
AS1710 AMSCO-AS1710_1 Datasheet
747Kb / 17P
High-Output-Drive, 10MHz, 10V/us, Rail-to-Rail I/O Op Amps with Shutdown
logo
Maxim Integrated Produc...
MAX9910 MAXIM-MAX9910_10 Datasheet
508Kb / 17P
200kHz, 4μA, Rail-to-Rail I/O Op Amps with Shutdown
Rev 2; 10/10
MAX4232AKA MAXIM-MAX4232AKA Datasheet
1Mb / 28P
High Output-Drive, 10MHz, 10V/μs, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 16; 6/12
logo
ams AG
AS1710 AMSCO-AS1710_04 Datasheet
1Mb / 20P
High-Output-Drive, 10MHz, 10V/關s, Rail-to-Rail I/O Op Amps with Shutdown
logo
Maxim Integrated Produc...
MAX4166ELAT MAXIM-MAX4166ELAT Datasheet
1Mb / 17P
High-Output-Drive, Precision, Low-Power, Single-Supply, Rail-to-Rail I-O Op Amps with Shutdown
Rev 3; 1/07
MAX9912EKA MAXIM-MAX9912EKA Datasheet
508Kb / 17P
200kHz, 4uA, Rail-to-Rail I/O Op Amps with Shutdown
Rev 2; 10/10
MAX4165 MAXIM-MAX4165_V01 Datasheet
1Mb / 17P
High-Output-Drive, Precision, Low-Power, Single- Supply, Rail-to-Rail I/O Op Amps with Shutdown
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com