Electronic Components Datasheet Search
  English  ▼

X  

MAX4167ESA Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX4167ESA
Description  High-Output-Drive, Precision, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps with Shutdown
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4167ESA Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX4167ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4167ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4167ESA Datasheet HTML 10Page - Maxim Integrated Products MAX4167ESA Datasheet HTML 11Page - Maxim Integrated Products MAX4167ESA Datasheet HTML 12Page - Maxim Integrated Products MAX4167ESA Datasheet HTML 13Page - Maxim Integrated Products MAX4167ESA Datasheet HTML 14Page - Maxim Integrated Products MAX4167ESA Datasheet HTML 15Page - Maxim Integrated Products MAX4167ESA Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
High-Output-Drive, Precision, Low-Power, Single-
Supply, Rail-to-Rail I/O Op Amps with Shutdown
12
______________________________________________________________________________________
Power-Up and Shutdown Modes
The MAX4166/MAX4168 have a shutdown option.
When the shutdown pin (SHDN) is pulled low, supply
current drops to 58µA per amplifier (VCC = +5V), the
amplifiers are disabled, and their outputs are placed in
a high-impedance state. Pulling SHDN high or leaving it
floating enables the amplifier. In the dual MAX4168, the
two amplifiers shut down independently. Figures 12
and 13 show the MAX4166’s output voltage and sup-
ply-current responses to a shutdown pulse. The
MAX4166–MAX4169 typically settle within 5µs after
power-up (Figure 14).
Power Supplies and Layout
The MAX4165–MAX4169 can operate from a single
+2.7V to +6.5V supply, or from dual ±1.35V to
±3.25V supplies. For single-supply operation, bypass
the power supply with a 0.1µF ceramic capacitor in
parallel with at least 1µF. For dual-supply operation,
bypass each supply to ground. Good layout improves
performance by decreasing the amount of stray capac-
itance at the op amps’ inputs and outputs. Decrease
stray capacitance by placing external components
close to the op amps’ pins, minimizing trace and lead
lengths.
1300
0
10
100k
100
200
300
400
1100
1200
RESISTIVE LOAD (k
Ω)
100
1k
10k
1000
900
800
700
600
500
STABLE REGION
VCC = +5.0V
RL to VCC / 2
UNSTABLE REGION
Figure 8. Capacitive-Load Stability
IN
(20mV/div)
OUT
(20mV/div)
TIME (1
µs/div)
VCC = +3.0V, CL = 1500pF
RL = 100kΩ, RISO = 0Ω
Figure 9. Small-Signal Transient Response with Excessive
Capacitive Load
IN
(20mV/div)
OUT
(20mV/div)
TIME (1
µs/div)
VCC = +3.0V, CL = 1500pF
RL = 100kΩ, RISO = 39Ω
Figure 10. Small-Signal Transient Response with Excessive
Capacitive Load with Isolation Resistor
RISO
CL
Figure 11. Capacitive-Load-Driving Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com