Electronic Components Datasheet Search
  English  ▼

X  

OP11EPZ Datasheet(PDF) 4 Page - Analog Devices

Part # OP11EPZ
Description  Quad Matched 741-Type Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP11EPZ Datasheet(HTML) 4 Page - Analog Devices

  OP11EPZ Datasheet HTML 1Page - Analog Devices OP11EPZ Datasheet HTML 2Page - Analog Devices OP11EPZ Datasheet HTML 3Page - Analog Devices OP11EPZ Datasheet HTML 4Page - Analog Devices OP11EPZ Datasheet HTML 5Page - Analog Devices OP11EPZ Datasheet HTML 6Page - Analog Devices OP11EPZ Datasheet HTML 7Page - Analog Devices OP11EPZ Datasheet HTML 8Page - Analog Devices OP11EPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
OP11
Rev. B | Page 4 of 12
VS = ±15 V, 0°C ≤ TA ≤ 70°C, unless otherwise noted.
Table 2.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input Offset Voltage
VOS
RS ≤ 10 kΩ
0.4
0.8
mV
Average Input Offset Voltage Drift1
TCVOS
RS ≤ 10 kΩ
2.0
10
μV/°C
Input Offset Current
IOS
14
30
nA
Average Input Offset Current Drift1
TCIOS
0.1
0.3
nA/°C
Input Bias Current
IB
200
350
nA
Input Voltage Range
IVR
±12
±13
V
Common-Mode Rejection Ratio
CMRR
VCM = ±12 V, RS ≤ 10 kΩ
100
120
dB
Power Supply Rejection Ratio
PSRR
VS = ±5 V to ±15 V, RS ≤ 10 kΩ
4
32
μV/V
Large Signal Voltage Gain
AVO
RL ≥ 2 kΩ, VO = ±10 V
50
250
V/mV
Output Voltage Swing
VO
RL ≥ 2 kΩ
±11
±13
V
Power Consumption2
Pd
VO = 0 V
115
200
mW
1 Guaranteed but not tested.
2 Total dissipation for all four amplifiers in package.
MATCHING CHARACTERISTICS
VS = ±15 V, TA = 25°C, RS ≤ 100 Ω, unless otherwise noted.
Table 3.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input Offset Voltage Match
ΔVOS
0.5
0.75
mV
Common-Mode Rejection
ΔCMRR
VCM = ±12 V
1
20
μV/V
Ratio Match
VCM = ±12 V
94
120
dB
VS = ±15 V, 0°C ≤ TA ≤ 70°C, RS ≤ 100 Ω, unless otherwise noted.
Table 4.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input Offset Voltage Match
ΔVOS
0.6
1.0
mV
Common-Mode Rejection
ΔCMRR
VCM = ±12 V
3.2
20
μV/V
Ratio Match
VCM = ±12 V
94
110
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12