| Electronic Components Datasheet Search |
|
OP11EPZ Datasheet(PDF) 1 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
OP11EPZ Datasheet(HTML) 1 Page - Analog Devices |
|
1 / 12 page ![]() Quad Matched 741-Type Operational Amplifiers OP11 Rev. B Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 www.analog.com Fax: 781.461.3113 ©2007 Analog Devices, Inc. All rights reserved. FEATURES Guaranteed VOS: 500 μV maximum Guaranteed matched CMRR: 94 dB minimum Guaranteed matched VOS: 750 μV maximum LM148/LM348 direct replacement Low noise Silicon-nitride passivation Internal frequency compensation Low crossover distortion Continuous short-circuit protection Low input bias current GENERAL DESCRIPTION The OP11 provides four matched 741-type operational amplifiers in a single 14-lead PDIP. The OP11 is pin compatible with the LM148, LM348, RM4156, RM4158, and HA4741 amplifiers. The amplifier is matched for common-mode rejection ratio and offset voltage, which is very important in designing instrumentation amplifiers. In addition, the amplifier is designed to have equal positive-going and negative-going slew rates, which is an important consideration for good audio system performance. The OP11 is ideal for use in designs requiring minimum space and cost while maintaining performance. PIN CONFIGURATION OUT A –IN A +IN A V+ +IN B –IN B OUT B OUT D –IN D +IN D V– +IN C –IN C OUT C 1 2 3 4 5 6 7 14 13 12 11 10 9 8 OP11 Figure 1. 14-Lead PDIP (N-14) (P Suffix) –IN +IN V– OUTPUT V+ Figure 2. Simplified Schematic |
Similar Part No. - OP11EPZ |
|
Similar Description - OP11EPZ |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |