Electronic Components Datasheet Search
  English  ▼

X  

AS5115 Datasheet(PDF) 15 Page - ams AG

Part # AS5115
Description  Programmable 360 Magnetic Angle Encoder with Buffered SINE COSINE Output Signals
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5115 Datasheet(HTML) 15 Page - ams AG

Back Button AS5115 Datasheet HTML 11Page - ams AG AS5115 Datasheet HTML 12Page - ams AG AS5115 Datasheet HTML 13Page - ams AG AS5115 Datasheet HTML 14Page - ams AG AS5115 Datasheet HTML 15Page - ams AG AS5115 Datasheet HTML 16Page - ams AG AS5115 Datasheet HTML 17Page - ams AG AS5115 Datasheet HTML 18Page - ams AG AS5115 Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
www.austriamicrosystems.com/AS5115
Revision 1.11
14 - 20
AS5115
Datasheet - Detailed Descr i pti on
For programming of the OTP, an additional voltage has to be applied to the pin PROG. It has to be buffered by a fast 100nF capacitor (ceramic)
and a 10µF capacitor. The information to be programmed is set by command 25. The OTP bits 16 until 45 are used for AMS factory trimming and
cannot be overwritten.
After programming, the programmed OTP bits can be verified in two ways:
By Digital Verification: This is simply done by sending a READ OTP command (#15). The structure of this register is the same as for the OTP
PROG or OTP WRITE commands.
By Analog Verification: By switching into Extended Mode and sending an ANALOG OTP READ command (#9), pin PROG becomes an output,
sending an analog voltage with each clock representing a sequence of the bits in the OTP register (starting with D45). A voltage of <500mV
indicates a correctly programmed bit (“1”) while a voltage level between 2V and 3.5V indicates a correctly unprogrammed bit (“0”). Any voltage
level in between indicates incorrect programming.
Figure 10. Analog OTP Verification
Symbol
Parameter
Min
Max
Unit
Note
VDD
Supply Voltage
5
5.5
V
GND
Ground level
0
0
V
V_zapp
Programming Voltage
8
8.5
V
At pin PROG
T_zapp
Temperature
0
85
ºC
f_clk
CLK Frequency
100
kHz
At pin DCLK
VDD
VSS
Micro
Controller
AS5130
100n
VSS
+5V
VDD
CS
VDD
DCLK
DIO
PROG
VSS
I/O
Output
Output
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com