Electronic Components Datasheet Search
  English  ▼

X  

TCS3200 Datasheet(PDF) 14 Page - ams AG

Part # TCS3200
Description  PROGRAMMABLE COLOR LIGHT-TO-FREQUENCY CONVERTER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS3200 Datasheet(HTML) 14 Page - ams AG

Back Button TCS3200 Datasheet HTML 7Page - ams AG TCS3200 Datasheet HTML 8Page - ams AG TCS3200 Datasheet HTML 9Page - ams AG TCS3200 Datasheet HTML 10Page - ams AG TCS3200 Datasheet HTML 11Page - ams AG TCS3200 Datasheet HTML 12Page - ams AG TCS3200 Datasheet HTML 13Page - ams AG TCS3200 Datasheet HTML 14Page - ams AG TCS3200 Datasheet HTML 15Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
TCS3200, TCS3210
PROGRAMMABLE
COLOR LIGHT-TO-FREQUENCY CONVERTER
TAOS099A − AUGUST 2011
13
The LUMENOLOGY
r Company
r
r
Copyright
E 2011, TAOS Inc.
www.taosinc.com
STORAGE INFORMATION
Moisture Sensitivity
Optical characteristics of the device can be adversely affected during the soldering process by the release and
vaporization of moisture that has been previously absorbed into the package. To ensure the package contains
the smallest amount of absorbed moisture possible, each device is baked prior to being dry packed for shipping.
Devices are dry packed in a sealed aluminized envelope called a moisture-barrier bag with silica gel to protect
them from ambient moisture during shipping, handling, and storage before use.
Shelf Life
The calculated shelf life of the device in an unopened moisture barrier bag is 12 months from the date code on
the bag when stored under the following conditions:
Shelf Life: 12 months
Ambient Temperature: < 40
°C
Relative Humidity: < 90%
Rebaking of the devices will be required if the devices exceed the 12 month shelf life or the Humidity Indicator
Card shows that the devices were exposed to conditions beyond the allowable moisture region.
Floor Life
The D package has been assigned a moisture sensitivity level of MSL 5a. As a result, the floor life of devices
removed from the moisture barrier bag is 24 hours from the time the bag was opened, provided that the devices
are stored under the following conditions:
Floor Life: 24 hours
Ambient Temperature: < 30
°C
Relative Humidity: < 60%
If the floor life or the temperature/humidity conditions have been exceeded, the devices must be rebaked prior
to solder reflow or dry packing.
Rebaking Instructions
When the shelf life or floor life limits have been exceeded, rebake at 60
°C for 24 hours.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com