Electronic Components Datasheet Search
  English  ▼

X  

TCS3200 Datasheet(PDF) 6 Page - ams AG

Part # TCS3200
Description  PROGRAMMABLE COLOR LIGHT-TO-FREQUENCY CONVERTER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS3200 Datasheet(HTML) 6 Page - ams AG

Back Button TCS3200 Datasheet HTML 2Page - ams AG TCS3200 Datasheet HTML 3Page - ams AG TCS3200 Datasheet HTML 4Page - ams AG TCS3200 Datasheet HTML 5Page - ams AG TCS3200 Datasheet HTML 6Page - ams AG TCS3200 Datasheet HTML 7Page - ams AG TCS3200 Datasheet HTML 8Page - ams AG TCS3200 Datasheet HTML 9Page - ams AG TCS3200 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
TCS3200, TCS3210
PROGRAMMABLE
COLOR LIGHT-TO-FREQUENCY CONVERTER
TAOS099A − AUGUST 2011
5
The LUMENOLOGY
r Company
r
r
Copyright
E 2011, TAOS Inc.
www.taosinc.com
TYPICAL CHARACTERISTICS
Figure 1
300
500
700
900
1100
λ − Wavelength − nm
PHOTODIODE SPECTRAL RESPONSIVITY
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
Blue
TA = 25°C
Green
Normalized to
Clear
@ 715 nm
Red
Blue
Green
Clear
Figure 2
NORMALIZED OUTPUT FREQUENCY
vs.
ANGULAR DISPLACEMENT
Q − Angular Displacement − °
0
0.2
0.4
0.6
0.8
1
−90
−60
−30
0
30
60
90
Angular Displacement is
Equal for Both Aspects
Figure 3
IDD
vs.
VDD
vs.
TEMPERATURE
1.05
1.1
1.15
1.2
1.25
1.3
1.35
1.4
1.45
1.5
1
1.55
0
25
50
75
100
TA − Free-Air Temperature − °C
Saturated
VDD = 5 V
Saturated
VDD = 3 V
Dark
VDD = 3 V
Dark
VDD = 5 V
Figure 4
NORMALIZED OUTPUT
vs.
VDD
VDD − V
2.5
3
3.5
4
4.5
5
99.4
99.6
99.8
100
100.2
100.4
100.6
5.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com