Electronic Components Datasheet Search
  English  ▼

X  

TCS3472 Datasheet(PDF) 14 Page - ams AG

Part # TCS3472
Description  COLOR LIGHT-TO-DIGITAL CONVERTER with IR FILTER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS3472 Datasheet(HTML) 14 Page - ams AG

Back Button TCS3472 Datasheet HTML 10Page - ams AG TCS3472 Datasheet HTML 11Page - ams AG TCS3472 Datasheet HTML 12Page - ams AG TCS3472 Datasheet HTML 13Page - ams AG TCS3472 Datasheet HTML 14Page - ams AG TCS3472 Datasheet HTML 15Page - ams AG TCS3472 Datasheet HTML 16Page - ams AG TCS3472 Datasheet HTML 17Page - ams AG TCS3472 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
TCS3472
COLOR LIGHT-TO-DIGITAL CONVERTER
with IR FILTER
TAOS135 − AUGUST 2012
13
The LUMENOLOGY
r Company
r
r
Copyright
E 2012, TAOS Inc.
www.taosinc.com
Register Set
The TCS3472 is controlled and monitored by data registers and a command register accessed through the
serial interface. These registers provide for a variety of control functions and can be read to determine results
of the ADC conversions. The register set is summarized in Table 3.
Table 3. Register Address
ADDRESS
RESISTER NAME
R/W
REGISTER FUNCTION
RESET VALUE
−−
COMMAND
W
Specifies register address
0x00
0x00
ENABLE
R/W
Enables states and interrupts
0x00
0x01
ATIME
R/W
RGBC time
0xFF
0x03
WTIME
R/W
Wait time
0xFF
0x04
AILTL
R/W
Clear interrupt low threshold low byte
0x00
0x05
AILTH
R/W
Clear interrupt low threshold high byte
0x00
0x06
AIHTL
R/W
Clear interrupt high threshold low byte
0x00
0x07
AIHTH
R/W
Clear interrupt high threshold high byte
0x00
0x0C
PERS
R/W
Interrupt persistence filter
0x00
0x0D
CONFIG
R/W
Configuration
0x00
0x0F
CONTROL
R/W
Control
0x00
0x12
ID
R
Device ID
ID
0x13
STATUS
R
Device status
0x00
0x14
CDATAL
R
Clear data low byte
0x00
0x15
CDATAH
R
Clear data high byte
0x00
0x16
RDATAL
R
Red data low byte
0x00
0x17
RDATAH
R
Red data high byte
0x00
0x18
GDATAL
R
Green data low byte
0x00
0x19
GDATAH
R
Green data high byte
0x00
0x1A
BDATAL
R
Blue data low byte
0x00
0x1B
BDATAH
R
Blue data high byte
0x00
The mechanics of accessing a specific register depends on the specific protocol used. See the section on I2C
protocols on the previous pages. In general, the COMMAND register is written first to specify the specific
control-status-data register for subsequent read/write operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com