Electronic Components Datasheet Search
  English  ▼

X  

TCS3472 Datasheet(PDF) 18 Page - ams AG

Part # TCS3472
Description  COLOR LIGHT-TO-DIGITAL CONVERTER with IR FILTER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS3472 Datasheet(HTML) 18 Page - ams AG

Back Button TCS3472 Datasheet HTML 14Page - ams AG TCS3472 Datasheet HTML 15Page - ams AG TCS3472 Datasheet HTML 16Page - ams AG TCS3472 Datasheet HTML 17Page - ams AG TCS3472 Datasheet HTML 18Page - ams AG TCS3472 Datasheet HTML 19Page - ams AG TCS3472 Datasheet HTML 20Page - ams AG TCS3472 Datasheet HTML 21Page - ams AG TCS3472 Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
TCS3472
COLOR LIGHT-TO-DIGITAL CONVERTER
with IR FILTER
TAOS135 − AUGUST 2012
17
The LUMENOLOGY
r Company
r
r
Copyright
E 2012, TAOS Inc.
www.taosinc.com
RGBC Interrupt Threshold Registers (0x04 − 0x07)
The RGBC interrupt threshold registers provides the values to be used as the high and low trigger points for
the comparison function for interrupt generation. If the value generated by the clear channel crosses below the
lower threshold specified, or above the higher threshold, an interrupt is asserted on the interrupt pin.
Table 8. RGBC Interrupt Threshold Registers
REGISTER
ADDRESS
BITS
DESCRIPTION
AILTL
0x04
7:0
RGBC clear channel low threshold lower byte
AILTH
0x05
7:0
RGBC clear channel low threshold upper byte
AIHTL
0x06
7:0
RGBC clear channel high threshold lower byte
AIHTH
0x07
7:0
RGBC clear channel high threshold upper byte
Persistence Register (0x0C)
The persistence register controls the filtering interrupt capabilities of the device. Configurable filtering is
provided to allow interrupts to be generated after each integration cycle or if the integration has produced a result
that is outside of the values specified by the threshold register for some specified amount of time.
Table 9. Persistence Register
6
75
4
APERS
2
31
0
PERS
Reserved
Address
0x0C
FIELD
BITS
DESCRIPTION
PPERS
7:4
Reserved
APERS
3:0
Interrupt persistence. Controls rate of interrupt to the host processor.
FIELD VALUE
MEANING
INTERRUPT PERSISTENCE FUNCTION
0000
Every
Every RGBC cycle generates an interrupt
0001
1
1 clear channel value outside of threshold range
0010
2
2 clear channel consecutive values out of range
0011
3
3 clear channel consecutive values out of range
0100
5
5 clear channel consecutive values out of range
0101
10
10 clear channel consecutive values out of range
0110
15
15 clear channel consecutive values out of range
0111
20
20 clear channel consecutive values out of range
1000
25
25 clear channel consecutive values out of range
1001
30
30 clear channel consecutive values out of range
1010
35
35 clear channel consecutive values out of range
1011
40
40 clear channel consecutive values out of range
1100
45
45 clear channel consecutive values out of range
1101
50
50 clear channel consecutive values out of range
1110
55
55 clear channel consecutive values out of range
1111
60
60 clear channel consecutive values out of range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com