Electronic Components Datasheet Search
  English  ▼

X  

TMD2771 Datasheet(PDF) 18 Page - ams AG

Part # TMD2771
Description  DIGITAL ALS and PROXIMITY MODULE
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD2771 Datasheet(HTML) 18 Page - ams AG

Back Button TMD2771 Datasheet HTML 14Page - ams AG TMD2771 Datasheet HTML 15Page - ams AG TMD2771 Datasheet HTML 16Page - ams AG TMD2771 Datasheet HTML 17Page - ams AG TMD2771 Datasheet HTML 18Page - ams AG TMD2771 Datasheet HTML 19Page - ams AG TMD2771 Datasheet HTML 20Page - ams AG TMD2771 Datasheet HTML 21Page - ams AG TMD2771 Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
TMD2771
DIGITAL ALS
and PROXIMITY MODULE
TAOS143B − SEPTEMBER 2012
17
The LUMENOLOGY
r Company
r
r
Copyright
E 2012, TAOS Inc.
www.taosinc.com
Command Register
The command registers specifies the address of the target register for future write and read operations.
Table 2. Command Register
6
75
4
ADD
2
31
0
COMMAND
COMMAND
TYPE
− −
FIELD
BITS
DESCRIPTION
COMMAND
7
Select Command Register. Must write as 1 when addressing COMMAND register.
TYPE
6:5
Selects type of transaction to follow in subsequent data transfers:
FIELD VALUE
DESCRIPTION
00
Repeated byte protocol transaction
01
Auto-increment protocol transaction
10
Reserved — Do not use
11
Special function — See description below
Transaction type 00 will repeatedly read the same register with each data access.
Transaction type 01 will provide an auto-increment function to read successive register bytes.
ADD
4:0
Address register/special function register. Depending on the transaction type, see above, this field either
specifies a special function command or selects the specific control-status-register for following write and
read transactions:
FIELD VALUE
DESCRIPTION
00000
Normal — no action
00101
Proximity interrupt clear
00110
ALS interrupt clear
00111
Proximity and ALS interrupt clear
other
Reserved — Do not write
The ALS and Proximity Interrupt Clear clears any pending ALS/Proximity interrupt. This special function
is self clearing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com