Electronic Components Datasheet Search
  English  ▼

X  

TMD2771 Datasheet(PDF) 6 Page - ams AG

Part # TMD2771
Description  DIGITAL ALS and PROXIMITY MODULE
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD2771 Datasheet(HTML) 6 Page - ams AG

Back Button TMD2771 Datasheet HTML 2Page - ams AG TMD2771 Datasheet HTML 3Page - ams AG TMD2771 Datasheet HTML 4Page - ams AG TMD2771 Datasheet HTML 5Page - ams AG TMD2771 Datasheet HTML 6Page - ams AG TMD2771 Datasheet HTML 7Page - ams AG TMD2771 Datasheet HTML 8Page - ams AG TMD2771 Datasheet HTML 9Page - ams AG TMD2771 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
TMD2771
DIGITAL ALS
and PROXIMITY MODULE
TAOS143B − SEPTEMBER 2012
5
The LUMENOLOGY
r Company
r
r
Copyright
E 2012, TAOS Inc.
www.taosinc.com
Proximity Characteristics, VDD = VLEDA = 3 V, TA = 255C, PEN = 1 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IDD
Supply current — LDR pulse on
3
mA
ADC conversion time step size
PTIME = 0xFF
2.72
ms
ADC number of integration steps
1
256
steps
ADC counts per step
PTIME = 0xFF
0
1023
counts
Proximity IR LED pulse count
0
255
pulses
Proximity pulse period
16.3
μs
PDRIVE = 0 (100% current level)
75
100
150
I
LED current @ V 600 mV LDR pin sink (Note 1)
PDRIVE = 1 (50% current level)
50
mA
ILEDA LED current @ V 600 mV, LDR pin sink (Note 1)
PDRIVE = 2 (25% current level)
25
mA
PDRIVE = 3 (12.5% current level)
12.5
TLDR
On time per pulse
PDRIVE = 1
7.2
μs
Proximity response, no target (offset)
PDRIVE = 0, PPULSE = 8 (Note 2)
100
counts
Prox count, 100-mm target (Note 3)
73 mm
× 83 mm, 90% reflective Kodak
Gray Card,
PPULSE = 8, PDRIVE = 0, PTIME =
0xFF (Note 4)
414
520
624
counts
NOTES: 1. Value is factory-adjusted to meet the Prox count specification. Considerable variation (relative to the typical value) is possible after
adjustment.
2. No reflective surface above the module. Proximity offset varies with power supply characteristics and noise.
3. ILEDA is factory calibrated to achieve this specification. Offset and crosstalk directly sum with this value and is system dependent.
4. No glass or aperture above the module. Tested value is the average of 5 consecutive readings.
5. These parameters are ensured by design and characterization and are not 100% tested.
6. Proximity test was done using the following circuit. See the Application Information: Hardware section for recommended
application circuit.
TMD2771
VDD
1
mF
1
3
4
VDD
GND
LDR
5
6
LEDK
LEDA
1
mF
22
mF
IR LED Characteristics, VDD = 3 V, TA = 255C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VF
Forward Voltage
IF = 20 mA
1.4
1.5
V
VR
Reverse Voltage
IR = 10 μA
5
V
PO
Radiant Power
IF = 20 mA
4.5
mW
λp
Peak Wavelength
IF = 20 mA
850
nm
Δλ
Spectral Radiation Bandwidth
IF = 20 mA
40
nm
TR
Optical Rise Time
IF = 100 mA, TW = 125 ns, duty cycle = 25%
20
40
ns
TF
Optical Fall Time
IF = 100 mA, TW = 125 ns, duty cycle = 25%
20
40
ns
Wait Characteristics, VDD = 3 V, TA = 255C, WEN = 1 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Wait step size
WTIME = 0xFF
2.72
2.9
ms
Wait number of integration steps
1
256
steps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com