Electronic Components Datasheet Search
  English  ▼

X  

DAC707SH Datasheet(PDF) 14 Page - Texas Instruments

Part # DAC707SH
Description  Low-Power, Rail-to-Rail Output, 16-Bit Serial Input
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC707SH Datasheet(HTML) 14 Page - Texas Instruments

Back Button DAC707SH Datasheet HTML 10Page - Texas Instruments DAC707SH Datasheet HTML 11Page - Texas Instruments DAC707SH Datasheet HTML 12Page - Texas Instruments DAC707SH Datasheet HTML 13Page - Texas Instruments DAC707SH Datasheet HTML 14Page - Texas Instruments DAC707SH Datasheet HTML 15Page - Texas Instruments DAC707SH Datasheet HTML 16Page - Texas Instruments DAC707SH Datasheet HTML 17Page - Texas Instruments DAC707SH Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
DAC8531
14
SBAS192B
www.ti.com
power supply is quite noisy or if the system supply voltages
are at some value other than 5V. The REF02 will output a
steady supply voltage for the DAC8531. If the REF02 is
used, the typical current it needs to supply to the DAC8531
is 250
µA. This is with no load on the output of the DAC.
When the DAC output is loaded, the REF02 also needs to
supply the current to the load. The total current required (with
a 5k
Ω load on the DAC output) is:
250
µA + (5V/5kΩ) = 1.29mA
The load regulation of the REF02 is typically 0.005%/mA,
which results in an error of 322
µV for the 1.29mA current
drawn from it. This corresponds to a 4.2LSB error.
BIPOLAR OPERATION USING THE DAC8531
The DAC8531 has been designed for single-supply operation
but a bipolar output range is also possible using the circuit in
Figure 10. The circuit shown will give an output voltage range
of
±V
REF. Rail-to-rail operation at the amplifier output is achiev-
able using an OPA703 as the output amplifier.
The output voltage for any input code can be calculated as
follows:
VV
D
RR
R
V
R
R
O
REF
REF
=• 


•
+


•


65536
12
1
2
1
–
where D represents the input code in decimal (0–65535).
With VREF = 5V, R1 = R2 = 10kΩ:
V
D
V
O =
•


10
65536
5
–
This is an output voltage range of
±5V with 0000
H corre-
sponding to a –5V output and FFFFH corresponding to a +5V
output. Similarly, using VREF = 2.5V, ±2.5V output voltage
raw can be achieved.
LAYOUT
A precision analog component requires careful layout, ad-
equate bypassing, and clean, well-regulated power supplies.
As the DAC8531 offers single-supply operation, it will often
be used in close proximity with digital logic, microcontrollers,
microprocessors, and digital signal processors. The more
digital logic present in the design and the higher the switch-
ing speed, the more difficult it will be to keep digital noise
from appearing at the output.
Due to the single ground pin of the DAC8531, all return
currents, including digital and analog return currents, must
flow through the GND pin. Ideally, GND would be connected
directly to an analog ground plane. This plane would be
separate from the ground connection for the digital compo-
nents until they were connected at the power-entry point of
the system.
The 68HC11 should be configured so that its CPOL bit is a
0 and its CPHA bit is a 1. This configuration causes data
appearing on the MOSI output to be valid on the falling edge
of SCK. When data is being transmitted to the DAC, the
SYNC line is taken LOW (PC7). Serial data from the 68HC11
is transmitted in 8-bit bytes with only eight falling clock edges
occurring in the transmit cycle. Data is transmitted MSB first.
In order to load data to the DAC8531, PC7 is left LOW after
the first eight bits are transferred, then a second and third
serial write operation is performed to the DAC and PC7 is
taken HIGH at the end of this procedure.
APPLICATIONS
USING REF02 AS A POWER SUPPLY FOR
THE DAC8531
Due to the extremely low supply current required by the
DAC8531, an alternative option is to use a REF02 +5V
precision voltage reference to supply the required voltage to
the part, as shown in Figure 9. This is especially useful if the
FIGURE 8. DAC8531 to 68HC11 Interface.
FIGURE 9. REF02 as a Power Supply to the DAC8531.
DAC8531 TO 68HC11 INTERFACE
Figure 8 shows a serial interface between the DAC8531 and
the 68HC11 microcontroller. SCK of the 68HC11 drives the
SCLK of the DAC8531, while the MOSI output drives the
serial data line of the DAC. The SYNC signal is derived from
a port line (PC7), similar to what was done for the 8051.
68HC11(1)
PC7
SCK
MOSI
SYNC
SCLK
D
IN
DAC8531(1)
NOTE: (1) Additional pins omitted for clarity.
REF02
DAC8531
Three-Wire
Serial
Interface
+5V
285
µA
V
OUT = 0V to 5V
SYNC
SCLK
D
IN
+15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com