Electronic Components Datasheet Search
  English  ▼

X  

DP83620 Datasheet(PDF) 71 Page - Texas Instruments

Click here to check the latest version.
Part # DP83620
Description  DP83620 Industrial Temperature Single Port 10/100 Mbps Ethernet Physical Layer
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DP83620 Datasheet(HTML) 71 Page - Texas Instruments

Back Button DP83620 Datasheet HTML 67Page - Texas Instruments DP83620 Datasheet HTML 68Page - Texas Instruments DP83620 Datasheet HTML 69Page - Texas Instruments DP83620 Datasheet HTML 70Page - Texas Instruments DP83620 Datasheet HTML 71Page - Texas Instruments DP83620 Datasheet HTML 72Page - Texas Instruments DP83620 Datasheet HTML 73Page - Texas Instruments DP83620 Datasheet HTML 74Page - Texas Instruments DP83620 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 105 page
background image
DP83620
www.ti.com
SNLS339C – JANUARY 2011 – REVISED APRIL 2013
Table 10-3. Basic Mode Control Register (BMCR), address 0x00 (continued)
Bit
Bit Name
Default
Description
9
RESTART
0, RW/SC
Restart Auto-Negotiation:
AUTO-NEGOTIATION
1 = Restart Auto-Negotiation. Re-initiates the Auto-Negotiation process. If Auto-
Negotiation is disabled (bit 12 = 0), this bit is ignored. This bit is self-clearing and will
return a value of 1 until Auto-Negotiation is initiated, whereupon it will self-clear.
Operation of the Auto-Negotiation process is not affected by the management entity
clearing this bit.
0 = Normal operation.
8
DUPLEX MODE
Strap, RW
Duplex Mode:
When auto-negotiation is disabled writing to this bit allows the port Duplex capability to
be selected.
1 = Full Duplex operation.
0 = Half Duplex operation.
7
COLLISION TEST
0, RW
Collision Test:
1 = Collision test enabled.
0 = Normal operation.
When set, this bit will cause the COL signal to be asserted in response to the assertion
of TX_EN within 512-bit times. The COL signal will be de-asserted within 4-bit times in
response to the de-assertion of TX_EN.
6
RESERVED
0, RO
RESERVED: Write ignored, read as 0.
5
UNIDIRECTIONAL
0, RW
Unidirectional Enable:
ENABLE
1 = Allow 100 Mb transmit activity independent of link status.
0 = Require link up for 100 Mb/s transmit activity.
This bit has no effect in 10 Mb/s mode.
4:0
RESERVED
0 0000, RO
RESERVED: Write ignored, read as 0.
10.1.2 Basic Mode Status Register (BMSR)
Table 10-4. Basic Mode Status Register (BMSR), address 0x01
Bit
Bit Name
Default
Description
15
100BASE-T4
0, RO/P
100BASE-T4 Capable:
0 = Device not able to perform 100BASE-T4 mode.
14
100BASE-TX
1, RO/P
100BASE-TX Full Duplex Capable:
FULL DUPLEX
1 = Device able to perform 100BASE-TX in full duplex mode.
13
100BASE-TX 0
1, RO/P
100BASE-TX Half Duplex Capable:
HALF DUPLEX
1 = Device able to perform 100BASE-TX in half duplex mode.
12
10BASE-T
1, RO/P
10BASE-T Full Duplex Capable:
FULL DUPLEX
1 = Device able to perform 10BASE-T in full duplex mode.
11
10BASE-T
1, RO/P
10BASE-T Half Duplex Capable:
HALF DUPLEX
1 = Device able to perform 10BASE-T in half duplex mode.
10:8
RESERVED
000, RO
RESERVED: Write as 0, read as 0.
7
UNIDIRECTIONAL
1, RO/P
Unidirectional Ability:
ABILITY
1 = Device able to transmit in 100 Mb/s mode independent of link status.
6
MF PREAMBLE
1, RO/P
Preamble Suppression Capable:
SUPPRESSION
1 = Device able to perform management transaction with preamble suppressed, 32-bits of
preamble needed only once after reset, invalid opcode or invalid turnaround.
0 = Normal management operation.
5
AUTO-NEGOTIATION
0, RO
Auto-Negotiation Complete:
COMPLETE
1 = Auto-Negotiation process complete.
0 = Auto-Negotiation process not complete.
Copyright © 2011–2013, Texas Instruments Incorporated
Register Block
71
Submit Documentation Feedback
Product Folder Links: DP83620



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com