Electronic Components Datasheet Search
  English  ▼

X  

DP83620 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # DP83620
Description  DP83620 Industrial Temperature Single Port 10/100 Mbps Ethernet Physical Layer
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DP83620 Datasheet(HTML) 16 Page - Texas Instruments

Back Button DP83620 Datasheet HTML 12Page - Texas Instruments DP83620 Datasheet HTML 13Page - Texas Instruments DP83620 Datasheet HTML 14Page - Texas Instruments DP83620 Datasheet HTML 15Page - Texas Instruments DP83620 Datasheet HTML 16Page - Texas Instruments DP83620 Datasheet HTML 17Page - Texas Instruments DP83620 Datasheet HTML 18Page - Texas Instruments DP83620 Datasheet HTML 19Page - Texas Instruments DP83620 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 105 page
background image
T2.2.4
T2.2.2
32 CLOCKS
T2.2.3
output
input
Vcc
X1 clock
Hardware
RESET_N
MDC
Latch-In of Hardware
Configuration Pins
Dual Function Pins
Become Enabled As Outputs
T2.2.1
DP83620
SNLS339C – JANUARY 2011 – REVISED APRIL 2013
www.ti.com
4.6
AC Specifications — Reset Timing
Parameter
Description
Notes
Min
Typ
Max
Units
T2.2.1
Post RESET Stabilization time prior to
MDIO is pulled high for 32-bit serial
3
µs
MDC preamble for register accesses
management initialization
T2.2.2
Hardware Configuration Latch-in Time
Hardware Configuration Pins are
from the Deassertion of RESET (either
described in the Pin Description
3
µs
soft or hard)(1)
section
T2.2.3
Hardware Configuration pins transition
50
ns
to output drivers(1)
T2.2.4
X1 Clock must be stable for at min.
RESET pulse width
of 1 µs during RESET pulse low
1
µs
time.
(1)
It is important to choose pull-up and/or pull-down resistors for each of the hardware configuration pins that provide fast RC time
constants in order to latch-in the proper value prior to the pin transitioning to an output driver.
16
Electrical Specifications
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DP83620



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com