Electronic Components Datasheet Search
  English  ▼

X  

MURP20040 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MURP20040
Description  ULTRAFAST RECTIFIER 200 AMPERES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MURP20040 Datasheet(HTML) 4 Page - Motorola, Inc

  MURP20040 Datasheet HTML 1Page - Motorola, Inc MURP20040 Datasheet HTML 2Page - Motorola, Inc MURP20040 Datasheet HTML 3Page - Motorola, Inc MURP20040 Datasheet HTML 4Page - Motorola, Inc MURP20040 Datasheet HTML 5Page - Motorola, Inc MURP20040 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MURP20040CT
4
Motorola Ultrafast Power Rectifier Data
MAXIMUM MECHANICAL RATINGS
Terminal Penetration:
0.235 max
Terminal Torque:
70 in-lb max
Mounting Torque —
Outside Holes:
70 in-lb max
Mounting Torque —
Center Hole:
8–10 in-lb max
Seating Plane
1 mil per in.
Flatness
(between mounting holes)
POWERTAP MECHANICAL DATA
APPLIES OVER OPERATING TEMPERATURE
Vertical Pull
250 lbs. max
2 in. Lever Pull
50 lbs. max
Note: While the POWERTAP is capable of sustaining these vertical and levered tensions, the intimate contact
Note: between POWERTAP and heat sink may be lost. This could lead to thermal runaway. The use of very
Note: flexible leads is recommended for the anode connections. Use of thermal grease is highly recommended.
2
″
MOUNTING PROCEDURE
The POWERTAP package requires special mounting considerations because of the long longitudinal axis of the copper heat
sink. It is important to follow the proper tightening sequence to avoid warping the heat sink, which can reduce thermal contact
between the POWERTAP and heat sink.
2 – 3 TURNS
2 – 3 TURNS
2 – 3 TURNS
POWER
TAP
HEAT
SINK
STEP 2:
Finger tighten the center bolt. The bolt may
catch on the threads of the heat sink so it is im-
portant to make sure the face of the bolt or
washer is in contact with the surface of the
POWERTAP.
2 – 3 TURNS
FINGER-TIGHT
2 – 3 TURNS
POWER
TAP
HEAT
SINK
STEP 3:
Tighten each of the end bolts between 5 to 10
in-lb.
POWER
TAP
HEAT
SINK
5 – 10 IN-LB
FINGER-TIGHT
5 – 10 IN-LB
STEP 4:
Tighten the center bolt between 8 to 10 in-lb.
5 – 10 IN-LB
8 – 10 IN-LB
5 – 10 IN-LB
POWER
TAP
HEAT
SINK
STEP 5:
Finally, tighten the end bolts to 70 in-lb.
70 IN-LB
8 – 10 IN-LB
70 IN-LB
POWER
TAP
HEAT
SINK
STEP 1:
Locate the POWERTAP on the heat sink and
start mounting bolts into the threads by hand
(2 or 3 turns).



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com