Electronic Components Datasheet Search
  English  ▼

X  

MURP20040 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MURP20040
Description  ULTRAFAST RECTIFIER 200 AMPERES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MURP20040 Datasheet(HTML) 2 Page - Motorola, Inc

  MURP20040 Datasheet HTML 1Page - Motorola, Inc MURP20040 Datasheet HTML 2Page - Motorola, Inc MURP20040 Datasheet HTML 3Page - Motorola, Inc MURP20040 Datasheet HTML 4Page - Motorola, Inc MURP20040 Datasheet HTML 5Page - Motorola, Inc MURP20040 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MURP20040CT
2
Motorola Ultrafast Power Rectifier Data
Figure 1. Typical Forward Voltage
Figure 2. Maximum Forward Voltage
Figure 3. Typical Reverse Current
Figure 4. Maximum Reverse Current
Figure 5. Current Derating
(PER LEG)
Figure 6. Forward Power Dissipation
(PER LEG)
VF, INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
0.7
0.5
VF, MAXIMUM INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
0
50
100
150
IO, AVERAGE FORWARD CURRENT (AMPS)
VR, REVERSE VOLTAGE (VOLTS)
TC, CASE TEMPERATURE (°C)
VR, REVERSE VOLTAGE (VOLTS)
0
0
120
20
100
50
75
40
100
60
25
125
80
140
0
0
20
20
100
40
60
80
60
40
140
160
160
120
1E – 9
1E+3
1E+2
1E+1
1E+0
1.3
1.1
0.9
0.6
0.4
1E+3
1E+2
1E+1
1E+0
0.8
1.0
TJ = 100°C
TJ = 25°C
TJ = 175°C
TJ = 100°C
TJ = 25°C
TJ = 175°C
TJ = 100°C
TJ = 25°C
TJ = 175°C
TJ = 100°C
TJ = 25°C
TJ = 175°C
SQUARE
WAVE
dc
Ipk/Io =
p
Ipk/Io = 5
Ipk/Io = 10
Ipk/Io = 20
SQUARE
WAVE
dc
Ipk/Io =
p
Ipk/Io = 5
Ipk/Io = 10
Ipk/Io = 20
1.2
200
1E – 8
1E – 7
1E – 6
1E – 5
1E – 4
1E – 3
1E – 4
1E – 3
1E – 2
1E – 9
1E– 5
140
160
180
1.4
1.5
1.7
250
300
350
400
0
50
100
150
200
250
300
350
400
1E– 6
1E– 7
1E– 8
100
120
80
200
150
175



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com