Electronic Components Datasheet Search
  English  ▼

X  

DS26LS31C Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DS26LS31C
Description  DS26LS31C/DS26LS31M Quad High Speed Differential Line Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS26LS31C Datasheet(HTML) 1 Page - Texas Instruments

  DS26LS31C Datasheet HTML 1Page - Texas Instruments DS26LS31C Datasheet HTML 2Page - Texas Instruments DS26LS31C Datasheet HTML 3Page - Texas Instruments DS26LS31C Datasheet HTML 4Page - Texas Instruments DS26LS31C Datasheet HTML 5Page - Texas Instruments DS26LS31C Datasheet HTML 6Page - Texas Instruments DS26LS31C Datasheet HTML 7Page - Texas Instruments DS26LS31C Datasheet HTML 8Page - Texas Instruments DS26LS31C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
DS26LS31C, DS26LS31M
www.ti.com
SNOSBK1C – JUNE 1998 – REVISED APRIL 2013
DS26LS31C/DS26LS31M Quad High Speed Differential Line Driver
Check for Samples: DS26LS31C, DS26LS31M
1
FEATURES
DESCRIPTION
The DS26LS31 is a quad differential line driver
2
•
Output Skew—2.0 ns Typical
designed for digital data transmission over balanced
•
Input to output delay—10 ns Typical
lines. The DS26LS31 meets all the requirements of
•
Operation from Single 5V Supply
EIA Standard RS-422 and Federal Standard 1020. It
is designed to provide unipolar differential drive to
•
Outputs Won't Load Line when VCC = 0V
twisted-pair or parallel-wire transmission lines.
•
Four Line Drivers in One Package for
The circuit provides an enable and disable function
Maximum Package Density
common to all four drivers. The DS26LS31 features
•
Output Short-Circuit Protection
TRI-STATE
outputs
and
logically
ANDed
•
Complementary Outputs
complementary outputs. The inputs are all LS
•
Meets the Requirements of EIA Standard RS-
compatible and are all one unit load.
422
•
Pin Compatible with AM26LS31
•
Available in Military and Commercial
Temperature Range
Logic and Connection Diagrams
Top View
For Complete Military Product Specifications, refer to the appropriate SMD or MDS.
Figure 1. PDIP Package
See Package D0016A or NFG0016E
See Package Numbers NAJ0020A, NFE0016A or NAD0016A
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1998–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DS26LS31C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS26LS31C NSC-DS26LS31C Datasheet
226Kb / 8P
Quad High Speed Differential Line Driver
logo
Texas Instruments
DS26LS31C TI1-DS26LS31C Datasheet
905Kb / 13P
DS26LS31C/DS26LS31M Quad High Speed Differential Line Driver
logo
National Semiconductor ...
DS26LS31CM NSC-DS26LS31CM Datasheet
226Kb / 8P
Quad High Speed Differential Line Driver
logo
Texas Instruments
DS26LS31CM TI1-DS26LS31CM Datasheet
905Kb / 13P
DS26LS31C/DS26LS31M Quad High Speed Differential Line Driver
DS26LS31CM/NOPB TI1-DS26LS31CM/NOPB Datasheet
905Kb / 13P
DS26LS31C/DS26LS31M Quad High Speed Differential Line Driver
More results

Similar Description - DS26LS31C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS26LS31C NSC-DS26LS31C Datasheet
226Kb / 8P
Quad High Speed Differential Line Driver
logo
Texas Instruments
SN65LVDM31 TI-SN65LVDM31 Datasheet
103Kb / 7P
HIGH-SPEED DIFFERENTIAL LINE DRIVER
logo
Sipex Corporation
SP26LV431 SIPEX-SP26LV431 Datasheet
138Kb / 13P
High Speed, 3.3V Quad RS-422 Differential Line Driver
logo
National Semiconductor ...
MNDS26LS31M-X NSC-MNDS26LS31M-X Datasheet
163Kb / 9P
QUAD HIGH SPEED DIFFERENTIAL LINE DRIVER
logo
Sipex Corporation
SP431 SIPEX-SP431 Datasheet
367Kb / 15P
High Speed, 3.3V Quad RS-422 Differential Line Driver
logo
Texas Instruments
SN65LVDM31 TI-SN65LVDM31_06 Datasheet
130Kb / 8P
HIGH-SPEED DIFFERENTIAL LINE DRIVER
logo
Exar Corporation
SP26LV431 EXAR-SP26LV431 Datasheet
777Kb / 22P
HIGH SPEED 3.3V QUAD RS-422 DIFFERENTIAL LINE DRIVER
logo
Texas Instruments
DS26LS31MQML TI1-DS26LS31MQML Datasheet
647Kb / 14P
DS26LS31MQML Quad High Speed Differential Line Driver
DS26LS31ME-SMD TI-DS26LS31ME-SMD Datasheet
470Kb / 14P
DS26LS31MQML Quad High Speed Differential Line Driver
DS26LS31C TI1-DS26LS31C_15 Datasheet
905Kb / 13P
DS26LS31C/DS26LS31M Quad High Speed Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com