Electronic Components Datasheet Search
  English  ▼

X  

DS26LS31C Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DS26LS31C
Description  DS26LS31C/DS26LS31M Quad High Speed Differential Line Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS26LS31C Datasheet(HTML) 2 Page - Texas Instruments

  DS26LS31C Datasheet HTML 1Page - Texas Instruments DS26LS31C Datasheet HTML 2Page - Texas Instruments DS26LS31C Datasheet HTML 3Page - Texas Instruments DS26LS31C Datasheet HTML 4Page - Texas Instruments DS26LS31C Datasheet HTML 5Page - Texas Instruments DS26LS31C Datasheet HTML 6Page - Texas Instruments DS26LS31C Datasheet HTML 7Page - Texas Instruments DS26LS31C Datasheet HTML 8Page - Texas Instruments DS26LS31C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
DS26LS31C, DS26LS31M
SNOSBK1C – JUNE 1998 – REVISED APRIL 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Supply Voltage
7V
Input Voltage
7V
Output Voltage
5.5V
Output Voltage (Power OFF)
−0.25 to 6V
Maximum Power Dissipation (3) at 25°C
Cavity Package
1509 mW
NFG0016E Package
1476 mW
D0016A Package
1051 mW
(1)
“Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be verified. They are not meant to imply
that the devices should be operated at these limits. The Electrical Characteristics provide conditions for actual device operation.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
(3)
Derate cavity package 10.1 mW/°C above 25°C; derate molded DIP package 11.9 mW/°C above 25°C; derate SO package 8.41 mW/°C
above 25°C.
Operating Conditions
Min
Max
Units
Supply Voltage, VCC
DS26LS31M
4.5
5.5
V
DS26LS31
4.75
5.25
V
Temperature, TA
DS26LS31M
−55
+125
°C
DS26LS31
0
+70
°C
Electrical Characteristics
(1) (2) (3)
Parameter
Test Conditions
Min
Typ
Max
Units
VOH
Output High Voltage
IOH = −20 mA
2.5
V
VOL
Output Low Voltage
IOL = 20 mA
0.5
V
VIH
Input High Voltage
2.0
V
VIL
Input Low Voltage
0.8
V
IIL
Input Low Current
VIN = 0.4V
−40
−200
μA
IIH
Input High Current
VIN = 2.7V
20
μA
II
Input Reverse Current
VIN = 7V
0.1
mA
IO
TRI-STATE Output Current
VO = 2.5V
20
μA
VO = 0.5V
−20
μA
VCL
Input Clamp Voltage
IIN = −18 mA
−1.5
V
ISC
Output Short-Circuit Current
−30
−150
mA
ICC
Power Supply Current
All Outputs Disabled or Active
35
60
mA
(1)
Unless otherwise specified min/max limits apply across the
−55°C to +125°C temperature range for the DS726LS31M and across the
0°C to +70°C range for the DS26LS31. All typicals are given for V CC = 5V and TA = 25°C.
(2)
All currents into device pins are positive; all currents out of device pins are negative. All voltages are referenced to ground unless
otherwise specified.
(3)
Only one output at a time should be shorted.
2
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: DS26LS31C DS26LS31M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com