Electronic Components Datasheet Search
  English  ▼

X  

TSL202R Datasheet(PDF) 5 Page - ams AG

Part # TSL202R
Description  128  1 LINEAR SENSOR ARRAY
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL202R Datasheet(HTML) 5 Page - ams AG

  TSL202R Datasheet HTML 1Page - ams AG TSL202R Datasheet HTML 2Page - ams AG TSL202R Datasheet HTML 3Page - ams AG TSL202R Datasheet HTML 4Page - ams AG TSL202R Datasheet HTML 5Page - ams AG TSL202R Datasheet HTML 6Page - ams AG TSL202R Datasheet HTML 7Page - ams AG TSL202R Datasheet HTML 8Page - ams AG TSL202R Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
TSL202R
128 y 1 LINEAR SENSOR ARRAY
TAOS032F − JANUARY 2012
4
r
r
Copyright
E 2012, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
Electrical Characteristics at fclock = 1 MHz, VDD = 5 V, TA = 25°C, λp = 640 nm, tint = 5 ms,
RL = 330 Ω, Ee = 16.5 μW/cm2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Vout
Analog output voltage (white, average over 128 pixels)
See Note 1
1.6
2
2.4
V
Vdrk
Analog output voltage (dark, average over 128 pixels)
0
50
150
mV
PRNU
Pixel response nonuniformity
See Notes 2 & 3
±4%
± 10%
Nonlinearity of analog output voltage
See Note 3
±0.4%
FS
Output noise voltage
See Note 4
1
mVrms
Re
Responsivity
18
23
30
V/
(μJ/cm2)
SE
Saturation exposure
See Note 5
142
nJ/cm2
Vsat
Analog output saturation voltage
2.5
3.4
V
DSNU
Dark signal nonuniformity
All pixels
See Note 6
25
120
mV
IL
Image lag
See Note 7
0.5%
IDD
Supply current, output idle
7
10
mA
IIH
High-level input current
VI = VDD
10
μA
IIL
Low-level input current
VI = 0
10
μA
VO
High level output voltage SO1 and SO2
IO = 50 μA
4.5
4.95
V
VOH
High-level output voltage, SO1 and SO2
IO = 4 mA
4.6
V
VO
Low level output voltage SO1 and SO2
IO = 50 μA
0.01
0.1
V
VOL
Low-level output voltage, SO1 and SO2
IO = 4 mA
0.4
V
Ci(SI)
Input capacitance, SI
5
pF
Ci(CLK) Input capacitance, CLK
10
pF
NOTES: 1. The array is uniformly illuminated with a diffused LED source having a peak wavelength of 640 nm.
2. PRNU is the maximum difference between the voltage from any single pixel and the average output voltage from all pixels of the
device under test when the array is uniformly illuminated at the white irradiance level. PRNU includes DSNU.
3. Nonlinearity is defined as the maximum deviation from a best-fit straight line over the dark-to-white irradiance levels, as a percent
of analog output voltage (white).
4. RMS noise is the standard deviation of a single-pixel output under constant illumination as observed over a 5-second period.
5. Minimum saturation exposure is calculated using the minimum Vsat, the maximum Vdrk, and the maximum Re.
6. DSNU is the difference between the maximum and minimum output voltage in the absence of illumination.
7. Image lag is a residual signal left in a pixel from a previous exposure. It is defined as a percent of white-level signal remaining after
a pixel is exposed to a white condition followed by a dark condition:
IL
+
V
out (IL) *
V
drk
V
out (white) *
V
drk
100
Timing Requirements (see Figure 1 and Figure 2)
MIN
NOM
MAX
UNIT
tsu(SI)
Setup time, serial input (see Note 8)
20
ns
th(SI)
Hold time, serial input (see Note 8 and Note 9)
0
ns
tw
Pulse duration, clock high or low
50
ns
tr, tf
Input transition (rise and fall) time
0
500
ns
NOTES: 8. Input pulses have the following characteristics: tr = 6 ns, tf = 6 ns.
9. SI must go low before the rising edge of the next clock pulse.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com