Electronic Components Datasheet Search
  English  ▼

X  

TSL254R Datasheet(PDF) 9 Page - ams AG

Part # TSL254R
Description  LIGHT-TO-VOLTAGE OPTICAL SENSOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL254R Datasheet(HTML) 9 Page - ams AG

Back Button TSL254R Datasheet HTML 3Page - ams AG TSL254R Datasheet HTML 4Page - ams AG TSL254R Datasheet HTML 5Page - ams AG TSL254R Datasheet HTML 6Page - ams AG TSL254R Datasheet HTML 7Page - ams AG TSL254R Datasheet HTML 8Page - ams AG TSL254R Datasheet HTML 9Page - ams AG TSL254R Datasheet HTML 10Page - ams AG TSL254R Datasheet HTML 11Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
TSL254R
LIGHT-TO-VOLTAGE OPTICAL SENSOR
TAOS071C − SEPTEMBER 2007
8
r
r
Copyright E 2007, TAOS Inc.
The LUMENOLOGY r Company
www.taosinc.com
MECHANICAL DATA
PACKAGE SM
PLASTIC SURFACE MOUNT SIDE-LOOKER PACKAGE
1.64
2.60
2.30
4.60
R 0.90
1.80
0.42
1.00
0.47 TYP
TOP VIEW
SIDE VIEW
FRONT VIEW
0.42
5.73 + 0.50
4.60
0.15 Note B
2.59
0.62 + 0.10
1.97
0.62 +0.10
−0.15
Lead Free
Pb
2
y 2
NOTES: A. All linear dimensions are in millimeters; tolerance is ± 0.25 mm unless otherwise stated.
B. Dimension is to center of lens arc, which is located below the package face.
C. The integrated photodiode active area is typically located in the center of the lens and 0.97 mm below the top of the lens surface.
D. Index of refraction of clear plastic is 1.55.
E. Lead finish for TSL254RSM−LF: solder dipped, 100% Sn.
F. This drawing is subject to change without notice.
Figure 9. Package SM — Surface Mount Side-Looker Package Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com