Electronic Components Datasheet Search
  English  ▼

X  

TSL254R Datasheet(PDF) 5 Page - ams AG

Part # TSL254R
Description  LIGHT-TO-VOLTAGE OPTICAL SENSOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL254R Datasheet(HTML) 5 Page - ams AG

  TSL254R Datasheet HTML 1Page - ams AG TSL254R Datasheet HTML 2Page - ams AG TSL254R Datasheet HTML 3Page - ams AG TSL254R Datasheet HTML 4Page - ams AG TSL254R Datasheet HTML 5Page - ams AG TSL254R Datasheet HTML 6Page - ams AG TSL254R Datasheet HTML 7Page - ams AG TSL254R Datasheet HTML 8Page - ams AG TSL254R Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
TSL254R
LIGHT-TO-VOLTAGE OPTICAL SENSOR
TAOS071C − SEPTEMBER 2007
4
r
r
Copyright E 2007, TAOS Inc.
The LUMENOLOGY r Company
www.taosinc.com
TYPICAL CHARACTERISTICS
OUTPUT VOLTAGE
vs
IRRADIANCE
Figure 2
0.01
0.1
1
10
0.1
1
10
100
1000
Ee — Irradiance — mW/cm2
VDD = 5 V
λp = 635 nm
RL = 10 kW
TA = 25°C
Figure 3
300 400
500
600
700
1000
800
900
1100
λ − Wavelength − nm
0
0.2
0.4
0.6
0.8
1.0
1.2
PHOTODIODE SPECTRAL RESPONSIVITY
TA = 25°C
Figure 4
MAXIMUM OUTPUT VOLTAGE
vs
SUPPLY VOLTAGE
VDD − Supply Voltage − V
RL = 10 kΩ
TA = 25°C
0
1
2
3
4
5
2.5
3
3.5
4
4.5
5
5.5
Figure 5
01
2
3
4
VO − Output Voltage − V
SUPPLY CURRENT
vs
OUTPUT VOLTAGE
VDD = 5 V
RL = 10 kW
TA = 25°C
0.4
0.6
0.8
1
1.2
1.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com