Electronic Components Datasheet Search
  English  ▼

X  

TSL257 Datasheet(PDF) 7 Page - ams AG

Part # TSL257
Description  HIGH-SENSITIVITY LIGHT-TO-VOLTAGE CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL257 Datasheet(HTML) 7 Page - ams AG

  TSL257 Datasheet HTML 1Page - ams AG TSL257 Datasheet HTML 2Page - ams AG TSL257 Datasheet HTML 3Page - ams AG TSL257 Datasheet HTML 4Page - ams AG TSL257 Datasheet HTML 5Page - ams AG TSL257 Datasheet HTML 6Page - ams AG TSL257 Datasheet HTML 7Page - ams AG TSL257 Datasheet HTML 8Page - ams AG TSL257 Datasheet HTML 9Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TSL257
HIGH-SENSITIVITY
LIGHT-TO-VOLTAGE CONVERTER
TAOS023E − SEPTEMBER 2007
6
r
r
Copyright E 2007, TAOS Inc.
The LUMENOLOGY r Company
www.taosinc.com
MECHANICAL DATA
The device is supplied in a clear plastic three-lead sidelooker through-hole package (S).
PACKAGE S
PLASTIC SINGLE-IN-LINE SIDE-LOOKER PACKAGE
1.64
2.60
2.30
4.60
R 0.90
1.80
0.42
1
2
y 2
0.47 TYP
TOP VIEW
SIDE VIEW
FRONT VIEW
0.42
1.56
14.86 + 0.50
4.60
0.15
Note B
Lead Free
Available
Pb
NOTES: A. All linear dimensions are in millimeters; tolerance is ± 0.25 mm unless otherwise stated.
B. Dimension is to center of lens arc, which is located below the package face.
C. The integrated photodiode active area is round with a typical diameter of 0.75 mm and is typically located in the center of the lens
and 0.97 mm below the top of the lens surface.
D. Index of refraction of clear plastic is 1.55.
E. Lead finish for TSL257: solder dipped, 63% Sn/37% Pb. Lead finish for TSL257−LF: solder dipped, 100% Sn.
F. This drawing is subject to change without notice.
Figure 7. Package S — Single-In-Line Side-Looker Package Configuration



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com