Electronic Components Datasheet Search
  English  ▼

X  

TSL257 Datasheet(PDF) 8 Page - ams AG

Part # TSL257
Description  HIGH-SENSITIVITY LIGHT-TO-VOLTAGE CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL257 Datasheet(HTML) 8 Page - ams AG

  TSL257 Datasheet HTML 1Page - ams AG TSL257 Datasheet HTML 2Page - ams AG TSL257 Datasheet HTML 3Page - ams AG TSL257 Datasheet HTML 4Page - ams AG TSL257 Datasheet HTML 5Page - ams AG TSL257 Datasheet HTML 6Page - ams AG TSL257 Datasheet HTML 7Page - ams AG TSL257 Datasheet HTML 8Page - ams AG TSL257 Datasheet HTML 9Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
TSL257
HIGH-SENSITIVITY
LIGHT-TO-VOLTAGE CONVERTER
TAOS023E − SEPTEMBER 2007
7
The LUMENOLOGY r Company
r
r
Copyright E 2007, TAOS Inc.
www.taosinc.com
MECHANICAL DATA
PACKAGE SM
PLASTIC SURFACE MOUNT SIDE-LOOKER PACKAGE
1.64
2.60
2.30
4.60
R 0.90
1.80
0.42
1.00
0.47 TYP
TOP VIEW
SIDE VIEW
FRONT VIEW
0.42
5.73 + 0.50
4.60
0.15 Note B
2.59
0.62 + 0.10
1.97
0.62 +0.10
−0.15
Lead Free
Pb
2
y 2
NOTES: A. All linear dimensions are in millimeters; tolerance is ± 0.25 mm unless otherwise stated.
B. Dimension is to center of lens arc, which is located below the package face.
C. The integrated photodiode active area is typically located in the center of the lens and 0.97 mm below the top of the lens surface.
D. Index of refraction of clear plastic is 1.55.
E. Lead finish for TSL257SM−LF: solder dipped, 100% Sn.
F. This drawing is subject to change without notice.
Figure 8. Package SM — Surface Mount Side-Looker Package Configuration



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com