Electronic Components Datasheet Search
  English  ▼

X  

TSL260R Datasheet(PDF) 8 Page - ams AG

Part # TSL260R
Description  INFRARED LIGHT-TO-VOLTAGE OPTICAL SENSORS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL260R Datasheet(HTML) 8 Page - ams AG

Back Button TSL260R Datasheet HTML 4Page - ams AG TSL260R Datasheet HTML 5Page - ams AG TSL260R Datasheet HTML 6Page - ams AG TSL260R Datasheet HTML 7Page - ams AG TSL260R Datasheet HTML 8Page - ams AG TSL260R Datasheet HTML 9Page - ams AG TSL260R Datasheet HTML 10Page - ams AG TSL260R Datasheet HTML 11Page - ams AG TSL260R Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
TSL260R, TSL261R, TSL262R
INFRARED LIGHT-TO-VOLTAGE OPTICAL SENSORS
TAOS049E −SEPTEMBER 2007
7
The LUMENOLOGY r Company
r
r
Copyright E 2007, TAOS Inc.
www.taosinc.com
APPLICATION INFORMATION
NOTE A: Output pulses low until beam is interrupted. Useful range is 1 ft to 20 ft; can be extended with lenses. This configuration is suited
for object detection, safety guards, security systems, and automatic doors.
† Stanley part number
TSL262R
Sensor
Output
50 kΩ
5 V
2
3
1
+
−
BN301†
4
5 V
4.7 kΩ
15-kΩ
TLC372
1
8
3
2
100 kΩ
5 V
0.01 μF
Threshold
TLC555
4
3
1
5 V
8
27 kΩ
7
6
2
3 kΩ
0.01 μF
2N3906
18 Ω
Figure 9. Pulsed Optical-Beam Interrupter
NOTE A: Output goes low when light pulses from emitter are reflected back to sensor. Range is 6 in to 18 in depending upon object
reflectance. Useful for automatic doors, annunciators, object avoidance in robotics, automatic faucets, and security systems.
† OPTEK part number
‡ Stanley part number
OP295†
or
BN301‡
560 kΩ
TSL260R
Sensor
6 V
2
3
1
0.1 μF
NE567
4
1 kΩ
270 kΩ
0.1 μF
4.7 μF
1 μF
0.1 μF
10 kΩ
100 Ω
+
+
3
27
1
8
Light
Shield
2N3904
0.01 μF
5
6
Figure 10. Proximity Detector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com