Electronic Components Datasheet Search
  English  ▼

X  

TSL260R Datasheet(PDF) 5 Page - ams AG

Part # TSL260R
Description  INFRARED LIGHT-TO-VOLTAGE OPTICAL SENSORS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL260R Datasheet(HTML) 5 Page - ams AG

  TSL260R Datasheet HTML 1Page - ams AG TSL260R Datasheet HTML 2Page - ams AG TSL260R Datasheet HTML 3Page - ams AG TSL260R Datasheet HTML 4Page - ams AG TSL260R Datasheet HTML 5Page - ams AG TSL260R Datasheet HTML 6Page - ams AG TSL260R Datasheet HTML 7Page - ams AG TSL260R Datasheet HTML 8Page - ams AG TSL260R Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
TSL260R, TSL261R, TSL262R
INFRARED LIGHT-TO-VOLTAGE OPTICAL SENSORS
TAOS049E −SEPTEMBER 2007
4
r
r
Copyright E 2007, TAOS Inc.
The LUMENOLOGY r Company
www.taosinc.com
PARAMETER MEASUREMENT INFORMATION
VOLTAGE WAVEFORM
TEST CIRCUIT
Input
Ee
10%
90%
Output
(see Note B)
tr
TSL26xR
RL
VDD
2
1
3
+
−
Output
Pulse
Generator
LED
(see Note A)
tf
90%
10%
NOTES: A. The input irradiance is supplied by a pulsed GaAs light-emitting diode with the following characteristics: λp = 940 nm,
tr < 1 μs, tf < 1 μs.
B. The output waveform is monitored on an oscilloscope with the following characteristics: tr < 100 ns, Zi ≥ 1 MΩ, Ci ≤ 20 pF.
Figure 1. Switching Times
TYPICAL CHARACTERISTICS
0.4
0
1
0.8
0.6
0.2
θ − Angular Displacement
TSL260R
80°
60°
40°
20°
0°
80°
60°
40°
20°
NORMALIZED OUTPUT VOLTAGE
vs
ANGULAR DISPLACEMENT
Figure 2
TSL262R
TSL261R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com