Electronic Components Datasheet Search
  English  ▼

X  

TSL2560 Datasheet(PDF) 14 Page - ams AG

Part # TSL2560
Description  LIGHT-TO-DIGITAL CONVERTER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL2560 Datasheet(HTML) 14 Page - ams AG

Back Button TSL2560 Datasheet HTML 10Page - ams AG TSL2560 Datasheet HTML 11Page - ams AG TSL2560 Datasheet HTML 12Page - ams AG TSL2560 Datasheet HTML 13Page - ams AG TSL2560 Datasheet HTML 14Page - ams AG TSL2560 Datasheet HTML 15Page - ams AG TSL2560 Datasheet HTML 16Page - ams AG TSL2560 Datasheet HTML 17Page - ams AG TSL2560 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 43 page
background image
TSL2560, TSL2561
LIGHT-TO-DIGITAL CONVERTER
TAOS059Q − NOVEMBER 2009
13
The LUMENOLOGY
r Company
r
r
Copyright
E 2009, TAOS Inc.
www.taosinc.com
Wr
8
Data Byte 1
Slave Address
S
1
A
A
8
11
1
Command Code
P
Data Byte N
A
8
11
Byte Count = N
A
A
...
7
81
1
Data Byte 2
A
81
...
Figure 16. SMBus Block Write or I2C Write Protocols
NOTE: The I2C write protocol does not use the Byte Count packet, and the Master will continue sending Data Bytes until the Master initiates a
Stop condition. See the Command Register on page 13 for additional information regarding the Block Read/Write protocol.
Wr
7
Byte Count = N
Slave Address
S
1
A
A
8
11
1
Command Code
P
Data Byte N
A
8
11
Slave Address
A
A
...
7
81
1
Data Byte 2
A
81
...
Data Byte 1
A
81
1
Sr
1
Rd
1
Figure 17. SMBus Block Read or I2C Read (Combined Format) Protocols
NOTE: The I2C read protocol does not use the Byte Count packet, and the Master will continue receiving Data Bytes until the Master initiates
a Stop Condition. See the Command Register on page 13 for additional information regarding the Block Read/Write protocol.
Register Set
The TSL256x is controlled and monitored by sixteen registers (three are reserved) and a command register
accessed through the serial interface. These registers provide for a variety of control functions and can be read
to determine results of the ADC conversions. The register set is summarized in Table 2.
Table 2. Register Address
ADDRESS
RESISTER NAME
REGISTER FUNCTION
−−
COMMAND
Specifies register address
0h
CONTROL
Control of basic functions
1h
TIMING
Integration time/gain control
2h
THRESHLOWLOW
Low byte of low interrupt threshold
3h
THRESHLOWHIGH
High byte of low interrupt threshold
4h
THRESHHIGHLOW
Low byte of high interrupt threshold
5h
THRESHHIGHHIGH
High byte of high interrupt threshold
6h
INTERRUPT
Interrupt control
7h
−−
Reserved
8h
CRC
Factory test — not a user register
9h
−−
Reserved
Ah
ID
Part number/ Rev ID
Bh
−−
Reserved
Ch
DATA0LOW
Low byte of ADC channel 0
Dh
DATA0HIGH
High byte of ADC channel 0
Eh
DATA1LOW
Low byte of ADC channel 1
Fh
DATA1HIGH
High byte of ADC channel 1
The mechanics of accessing a specific register depends on the specific SMB protocol used. Refer to the section
on SMBus protocols. In general, the COMMAND register is written first to specify the specific control/status
register for following read/write operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com