Electronic Components Datasheet Search
  English  ▼

X  

TSL2560 Datasheet(PDF) 33 Page - ams AG

Part # TSL2560
Description  LIGHT-TO-DIGITAL CONVERTER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL2560 Datasheet(HTML) 33 Page - ams AG

Back Button TSL2560 Datasheet HTML 29Page - ams AG TSL2560 Datasheet HTML 30Page - ams AG TSL2560 Datasheet HTML 31Page - ams AG TSL2560 Datasheet HTML 32Page - ams AG TSL2560 Datasheet HTML 33Page - ams AG TSL2560 Datasheet HTML 34Page - ams AG TSL2560 Datasheet HTML 35Page - ams AG TSL2560 Datasheet HTML 36Page - ams AG TSL2560 Datasheet HTML 37Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 43 page
background image
TSL2560, TSL2561
LIGHT-TO-DIGITAL CONVERTER
TAOS059Q − NOVEMBER 2009
32
r
r
Copyright
E 2009, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
MECHANICAL DATA
PACKAGE CS
Six-Lead Chipscale Device
171
1398
465
203
1250
6
y 100
400
+ 50
700
+ 55
TYP 30
5
500
500
375
+ 30
500
375
+ 30
1750
TOP VIEW
SIDE VIEW
BOTTOM VIEW
END VIEW
6
y j 210 + 30
1
2
3
6
5
4
PIN OUT
BOTTOM VIEW
Lead Free
Pb
NOTES: A. All linear dimensions are in micrometers. Dimension tolerance is
± 25 μm unless otherwise noted.
B. Solder bumps are formed of Sn (96.5%), Ag (3%), and Cu (0.5%).
C. The top of the photodiode active area is 410
μm below the top surface of the package.
D. The layer above the photodiode is glass and epoxy with an index of refraction of 1.53.
E. This drawing is subject to change without notice.
Figure 23. Package CS — Six-Lead Chipscale Packaging Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com