Electronic Components Datasheet Search
  English  ▼

X  

TSL2569 Datasheet(PDF) 3 Page - ams AG

Part # TSL2569
Description  LIGHT-TO-DIGITAL CONVERTER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL2569 Datasheet(HTML) 3 Page - ams AG

  TSL2569 Datasheet HTML 1Page - ams AG TSL2569 Datasheet HTML 2Page - ams AG TSL2569 Datasheet HTML 3Page - ams AG TSL2569 Datasheet HTML 4Page - ams AG TSL2569 Datasheet HTML 5Page - ams AG TSL2569 Datasheet HTML 6Page - ams AG TSL2569 Datasheet HTML 7Page - ams AG TSL2569 Datasheet HTML 8Page - ams AG TSL2569 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
TSL2568, TSL2569
LIGHT-TO-DIGITAL CONVERTER
TAOS091D − DECEMBER 2008
2
r
r
Copyright
E 2008, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
Functional Block Diagram
Two-Wire Serial Interface
Address Select
Interrupt
SDA
VDD = 2.7 V to 3.5 V
Channel 0
Visible and IR
Channel 1
IR Only
Command
Register
ADC
Register
INT
SCL
ADDR SEL
Integrating
A/D Converter
Detailed Description
The TSL2568 and TSL2569 are second-generation ambient light sensor devices. Each contains two integrating
analog-to-digital converters (ADC) that integrate currents from two photodiodes. Integration of both channels
occurs simultaneously. Upon completion of the conversion cycle, the conversion result is transferred to the
Channel 0 and Channel 1 data registers, respectively. The transfers are double-buffered to ensure that the
integrity of the data is maintained. After the transfer, the device automatically begins the next integration cycle.
Communication to the device is accomplished through a standard, two-wire SMBus or I2C serial bus.
Consequently, the TSL256x device can be easily connected to a microcontroller or embedded controller. No
external circuitry is required for signal conditioning, thereby saving PCB real estate as well. Since the output
of the TSL256x device is digital, the output is effectively immune to noise when compared to an analog signal.
The TSL256x devices also support an interrupt feature that simplifies and improves system efficiency by
eliminating the need to poll a sensor for a light intensity value. The primary purpose of the interrupt function is
to detect a meaningful change in light intensity. The concept of a meaningful change can be defined by the user
both in terms of light intensity and time, or persistence, of that change in intensity. The TSL256x devices have
the ability to define a threshold above and below the current light level. An interrupt is generated when the value
of a conversion exceeds either of these limits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com