Electronic Components Datasheet Search
  English  ▼

X  

TSL2672 Datasheet(PDF) 23 Page - ams AG

Part # TSL2672
Description  DIGITAL PROXIMITY DETECTOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL2672 Datasheet(HTML) 23 Page - ams AG

Back Button TSL2672 Datasheet HTML 19Page - ams AG TSL2672 Datasheet HTML 20Page - ams AG TSL2672 Datasheet HTML 21Page - ams AG TSL2672 Datasheet HTML 22Page - ams AG TSL2672 Datasheet HTML 23Page - ams AG TSL2672 Datasheet HTML 24Page - ams AG TSL2672 Datasheet HTML 25Page - ams AG TSL2672 Datasheet HTML 26Page - ams AG TSL2672 Datasheet HTML 27Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
TSL2672
DIGITAL PROXIMITY DETECTOR
TAOS133 − MAY 2012
22
r
r
Copyright
E 2012, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
Table 14. Status Register
6
75
4
Reserved
2
31
0
STATUS
Reserved
Resv
Reset
0x00
Reserved
PINT
PVALID
PSAT
FIELD
BIT
DESCRIPTION
Reserved
7
Reserved. Read as 0.
PSAT
6
Proximity Saturation. Indicates that the proximity measurement saturated.
PINT
5
Proximity Interrupt. Indicates that the device is asserting a proximity interrupt.
Reserved
4:2
Reserved. Read as 0.
PVALID
1
Proximity Valid. Indicates that the proximity channel has completed an integration cycle after PEN has been
asserted.
Reserved
0
Reserved. Read as 0.
Proximity Data Registers (0x18 − 0x19)
Proximity data is stored as a 16-bit value. When the lower byte is read, the upper byte is latched into a shadow
register. The shadow register ensures that both bytes are the result of the same proximity cycle, even if
additional proximity cycles occur between the lower byte and upper byte register readings. The simplest way
to read both bytes is to perform a two-byte I2C read operation using the auto-increment protocol, which is set
in the Command register TYPE field.
Table 15.
Proximity Data Registers
REGISTER
ADDRESS
BITS
DESCRIPTION
PDATAL
0x18
7:0
Proximity data low byte
PDATAH
0x19
7:0
Proximity data high byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com