Electronic Components Datasheet Search
  English  ▼

X  

TSL2672 Datasheet(PDF) 3 Page - ams AG

Part # TSL2672
Description  DIGITAL PROXIMITY DETECTOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL2672 Datasheet(HTML) 3 Page - ams AG

  TSL2672 Datasheet HTML 1Page - ams AG TSL2672 Datasheet HTML 2Page - ams AG TSL2672 Datasheet HTML 3Page - ams AG TSL2672 Datasheet HTML 4Page - ams AG TSL2672 Datasheet HTML 5Page - ams AG TSL2672 Datasheet HTML 6Page - ams AG TSL2672 Datasheet HTML 7Page - ams AG TSL2672 Datasheet HTML 8Page - ams AG TSL2672 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
TSL2672
DIGITAL PROXIMITY DETECTOR
TAOS133 − MAY 2012
2
r
r
Copyright
E 2012, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
Functional Block Diagram
CH0
SDA
VDD
INT
SCL
LDR
Wait Control
Prox
ADC
Prox Control
Prox
Data
Prox LED
Current Driver
Prox
Integration
CH1
Upper Limit
Lower Limit
Interrupt
GND
Detailed Description
Proximity detection requires only a single external LED. This external LED is driven by an internal LED current driver,
which pulses the LED with current for approximately 7 microseconds. The number of pulses, from 1 to 255, and the
current level, from 1.9 mA to 120 mA, can be programmed and together provide a 16,000:1 contiguous dynamic
range. Because the driver is a constant current sink, no external current limiting resistor is required to protect the LED.
In addition to the internal LED current driver, the TSL2672 proximity detector provides on-chip photodiodes, oscillator,
integrating amplifier, ADC, state machine controller, programmable interrupt and I2C interface to provide a complete
proximity detection solution.
Each device has two photodiodes; a channel 0 photodiode (CH0), which is responsive to both visible and infrared
light, and a channel 1 photodiode (CH1), which is primarily responsive to only infrared light. The user selects the
appropriate diode for their application.
The integrating amplifier and ADC converts the selected photodiode current into a digital value providing up to 16
bits of resolution. Upon completion of a proximity conversion cycle, the result is transferred to the proximity data
registers where it is available to be read.
Communication with the device is accomplished over a fast (up to 400 kHz), two-wire I2C serial bus for easy
connection to a microcontroller or embedded controller. The digital output of the device is inherently more
noise-immune when compared to an analog interface.
The device provides a separate pin for level-style interrupts to simplify and improve system efficiency by eliminating
the need to poll for proximity data. When interrupts are enabled, an interrupt is generated when the proximity data
either exceeds an upper threshold or is less than a lower threshold. Once generated, the interrupt remains asserted
until cleared by the controlling firmware. In addition, a programmable interrupt persistence filter allows the user to
determine the number of consecutive out-of-range measurements necessary to trigger an interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com