| Electronic Components Datasheet Search |
|
P6780 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
P6780 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers |
|
2 / 8 page ![]() Datasheet DDR Analysis Menu JEDEC-conforming Measurements and Conformance Testing DDR Specification Conformance DDR JESD79E (May 2005) DDR2 JESD79-2F (November 2009) DDR3 JESD79-3D (July 2010) LPDDR JESD209A (February 2009) LPDDR2 JESD209-2E (April 2011) GDDR5 JESD212 (December 2009) Comprehensive Measurements for JEDEC Conformance Testing Option DDRA adds a long list of JEDEC-specificmeasurementstothe rich toolset of generic jitter, timing, and signal-quality measurements already present in DPOJET. In addition to the measurements shown below (for DDR3 in this example), Option DDRA also covers other application standards like DDR1, DDR2, LPDDR, LPDDR3, and GDDR5. DDRA also performs de-rating of Setup and Hold pass/fail limits based on the result of slew rate measurements, as stipulated by JEDEC in the test specs for DDR2 and DDR3 (JESD79-2F, JESD79-3D as of this writing). Easily Switch between Conformance Testing and Advanced Debug Tools DDRA gives you the option to easily switch between conformance testing and advanced analysis and debug modes. The power of the DPOJET analysis engine allows you flexibility to reconfigure existing measurements or add new measurements not specifically required by JEDEC and to create new user-specified test limits. You can also use features like logging, filters, histograms, and time trends in addition to the information produced by the DDRA wizard. Fast Fault Identification using Pinpoint® Triggers and DPX Technology In addition to all of the measurement and analysis tools that DDRA offers, you can use Pinpoint® triggering and DPX® to find infrequent signal events. Pinpoint® triggering allows you to trigger on reads or writes so that only relevant bursts can be shown. Once you have set the hardware triggering on a read or write condition, you can use DPX®, the industry’s highest waveform acquisition rate for signal integrity testing and to determine specific DDR read/write signal characteristics. DPX® enables quick identification of infrequent events by using a color-graded display to see both frequent and infrequent waveform events, such as areas where there is bus contention, reflections, or system timing issues. New Visual Trigger feature now adds additional tools for setting precise trigger conditions to capture specific bit patterns or other waveform events, based on keep-in and keep-out areas. JEDEC Measurements Supported for DDR3 Write Bursts Clock(Diff) Vix(ac)DQS Data Eye Width tCH(abs) VSEH(AC)DQS# Data Eye Height tCH(avg) VSEH(AC)DQS Differential DQS tCK(abs) VSEH(DQS#) InputSlew-Diff-Fall(DQS) tCK(avg) VSEH(DQS) InputSlew-Diff-Rise(DQS) tCL(abs) VSEL(AC)DQS# tDH-Diff(base) tCL(avg) VSEL(AC)DQS tDH-Diff(derated) tDVAC(CK) VSEL(DQS#) tDQSH tERR VSEL(DQS) tDQSL tJIT(cc) DQS (Single Ended, Read) tDQSS-Diff tJIT(duty) AC-OvershootArea(DQ) tDS-Diff(base) tJIT(per) AC-UndershootArea(DQ) tDS-Diff(derated) Clock(Single Ended) AC-Overshoot(DQ) tDSH-Diff AC-Overshoot(CK#) AC-Undershoot(DQ) tDSS-Diff AC-Overshoot(CK) AC-OvershootArea(DQS) tDVAC(DQS) AC-OvershootArea(CK#) AC-UndershootArea(DQS) Single Ended DQS AC-OvershootArea(CK) AC-Overshoot(DQS) tDIPW-SE AC-Undershoot(CK#) AC-Undershoot(DQS) tDQSS-SE AC-Undershoot(CK) AC-OvershootArea(DQS#) tDSH-SE AC-UndershootArea(CK#) AC-UndershootArea(DQS#) tDSS-SE AC-UndershootArea(CK) AC-Overshoot(DQS#) Slew Rate DQ Vix(ac)CK AC-Undershoot(DQS#) Slew Rate-Hold-Rise(DQ) VSEH(AC)CK# Precharge Slew Rate-Hold-Fall(DQ) VSEH(AC)CK tRP(ACT) Slew Rate-Setup-Rise(DQ) VSEH(CK#) tRP(MRS) Slew Rate-Setup-Fall(DQ) VSEH(CK) Address/Command Measurements tWPRE VSEL(AC)CK# AC-Overshoot tWPST VSEL(AC)CK AC-OvershootArea Read Bursts VSEL(CK#) AC-Undershoot Data Eye Width VSEL(CK) AC-UndershootArea Data Eye Height DQS(Single Ended) InputSlew-Diff-Fall(CK) Differential DQS AC-OvershootArea(DQ) InputSlew-Diff-Rise(CK) SRQdiff-Fall(DQS) AC-UndershootArea(DQ) Slew Rate-Hold-Fall(Addr/Cmd) SRQdiff-Rise(DQS) AC-Overshoot(DQ) Slew Rate-Hold-Rise(Addr/Cmd) tDQSCK-Diff AC-Undershoot(DQ)tDSH Slew Rate-Setup-Fall(Addr/Cmd) tDQSQ-Diff AC-Overshoot(DQS#) Slew Rate-Setup-Rise(Addr/Cmd) tQH AC-Overshoot(DQS) tIH(base) tDVAC(DQS) AC-OvershootArea(DQS#) tIH(derated) SRQdiff-Fall(CK) AC-OvershootArea(DQS) tIPW-High SRQdiff-Rise(CK) AC-Undershoot(DQS#) tIPW-Low tRPRE AC-Undershoot(DQS) tIS(base) tPST AC-UndershootArea(DQS#) tIS(derated) AC-UndershootArea(DQS) 2 www.tektronix.com |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |