Electronic Components Datasheet Search
  English  ▼

X  

P6780 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # P6780
Description  DDR Memory Bus Electrical Validation and Analysis Software
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

P6780 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  P6780 Datasheet HTML 1Page - List of Unclassifed Manufacturers P6780 Datasheet HTML 2Page - List of Unclassifed Manufacturers P6780 Datasheet HTML 3Page - List of Unclassifed Manufacturers P6780 Datasheet HTML 4Page - List of Unclassifed Manufacturers P6780 Datasheet HTML 5Page - List of Unclassifed Manufacturers P6780 Datasheet HTML 6Page - List of Unclassifed Manufacturers P6780 Datasheet HTML 7Page - List of Unclassifed Manufacturers P6780 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DDR Memory Bus Electrical Validation and Analysis Software
Additional Capabilities using a Performance
MSO (Mixed-Signal Oscilloscope)
The MSO70000 Series Performance MSOs allow you to probe more signals
on the DDR bus and to trigger on and view specific bus events. Up to 16
digital channels can be used to view logic states of command and address
signals such as RAS, CAS, WE, CE, CS, etc. Signal integrity of these
16 inputs can be analyzed using the iCapture™ multiplexing feature, which
allows any of the digital input signals to be internally routed to one of the
scope’s four analog channels. Measurements involving command-bus cycle
timing can also be analyzed using the bus-decode features of the MSO
and DDRA software.
Full Bus Analysis using Logic Analyzer and
Oscilloscope
When full protocol analysis or probing of the entire memory bus is required,
a logic analyzer can provide this additional capability. The TLA7000 Series
logic analyzers can also be linked with Tektronix oscilloscopes to provide
an integrated test setup using tools such as iCapture mentioned above.
This eliminates the need for double probing and allows full analog capture
of any signals probed by the logic analyzer. In addition, the iView™ display
interface allows transfer of the oscilloscope data to the logic analyzer
display, so that data from both instruments are analyzed and time-aligned
on one display screen.
Characteristics
Bandwidth Recommendations for Each DDR Standard
DDR Type
Maximum Data
Rate (JEDEC)
Clock Rate
5th Harmonic
of Clock
Max SE Slew
Rate (JEDEC)
Typical Signal
Swing
Oscilloscope
Rise Time
10% - 90%*1
Recommended
Oscilloscope
BW*2
DDR
400 MT/s
200 MHz
1GHz
5V/ns
1.8 V
89 ps
4GHz
DDR2
800 MT/s
400 MHz
2GHz
5V/ns
1.25 V
62 ps
6GHz
DDR3
2133 MT/s
1066 MHz
5.3 GHz
5 V/ns
1.0 V
49 ps
8GHz
GDDR5
5 GT/s
2.5 GHz
12.5 GHz
N/A
0.8 V
18 ps
20 GHz*3
*1 For 3% maximum error on rise-time measurement.
*2 For less stringent applications, a one-step reduction in scope bandwidth may be acceptable.
*3 Basedon5GT/s system; lowerBWscope maysuffice for lower data rates.
Ordering Information
DDRA
DDR Memory Bus Electrical Validation and Analysis Oscilloscope Software.
To order on a new DPO5000, MSO5000, DPO7000, DPO70000,
DSA70000*4, or MSO70000 Series:
Order
Description
Opt. DDRA
Preinstall on a new DPO5000*5, MSO5000*5,
DPO7000*5, DPO70000*5, DSA70000, or
MSO70000*5 Series oscilloscope
DPOFL-DDRA
DDR Memory Technology Analysis Package –
Floating License
*4 Note: Opt. DJA and ASM are standard on the DSA70000 Series oscilloscopes.
*5 Note: Opt. ASM (Advanced Event Search and Mark) and Opt. DJA (DPOJET) are required.
To upgrade an existing DPO5000, MSO5000, DPO7000,
DPO70000, DSA70000, or MSO70000 Series:
Order
Description
DPO-UP DDRA
Upgrade to Option DDRA (requires Opt. ASM and
DJA)
DPO-UP DJAE
Upgrade MSO/DPO5000 Series with DPOJET Jitter
and Eye Diagram Analysis (Opt. DJA)
DPO-UP DJAM
Upgrade DPO7000 with DPOJET Jitter and Eye
Diagram Analysis (Opt. DJA)
DPO-UP DJAH
Upgrade DPO70404 - DPO70804 or MSO70404 -
MSO70804 with DPOJET Jitter and Eye Diagram
Analysis (Opt. DJA)
DPO-UP DJAU
Upgrade DPO71254 - DPO73304 or MSO71254 -
MSO72004 with DPOJET Jitter and Eye Diagram
Analysis (Opt. DJA)
DPO-UP DJUP
DJA DPOJET software for scopes with both
TDSJIT3 and TDSRTE licenses
Note: Software is supplied on the internal hard drive of the DPO5000, MSO5000, DPO7000, DPO70000,
DSA70000, and MSO70000 Series oscilloscopes. User documentation (online or user manual) is part of the
oscilloscope documentation.
To order a floating license for an existing DPO5000, MSO5000,
DPO7000, DPO70000, DSA70000, or MSO70000 Series:
Order
Description
DPOFL-DDRA
DDR Memory Technology Analysis Package –
Floating License
DPOFL-DJA
DPOJET Jitter and Eye Diagram Analysis – Floating
License
www.tektronix.com 3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com