Electronic Components Datasheet Search
  English  ▼

X  

PTS Datasheet(PDF) 5 Page - Bourns Electronic Solutions

Part # PTS
Description  High Grade Slide Potentiometer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PTS Datasheet(HTML) 5 Page - Bourns Electronic Solutions

  PTS Datasheet HTML 1Page - Bourns Electronic Solutions PTS Datasheet HTML 2Page - Bourns Electronic Solutions PTS Datasheet HTML 3Page - Bourns Electronic Solutions PTS Datasheet HTML 4Page - Bourns Electronic Solutions PTS Datasheet HTML 5Page - Bourns Electronic Solutions PTS Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
PTS Series High Grade Slide Potentiometer
Product Dimensions
60 mm Length of Travel
Lever End Style “T”
DIMENSIONS:
MM
(INCHES)
80.0
± 0.2
(3.150
± .008)
92.5
(3.642)
MAX.
M3 X 0.5 2 PLCS.
13.0
(.512)
MAX.
60.0
± 0.5
(2.362
± .020)
0.5
(.020)
0.5
(.020)
3.7
± 0.2
(.146
± .008)
5.4
± 0.2
(.213
± .008)
2.3
± 0.2
(.091
± .008)
38.7
± 0.5
(1.524
± .020)
1.8
(.071)
2 PLCS.
8.0
(.315)
6.8
(.268)
20.0
(.787)
5.0
(.197)
5.0
(.197)
2
1
2'
1'
3'
3
5.0
(.197)
2.0
(.079)
HOLES
6 PLCS.
27.5
(1.083)
37.5
(1.476)
14.5
(.571)
8.0
(.315)
18.5 +0/-0.1
(.728 +0/-.004)
8.2 ± 0.5
(.323 ± .020)
2.0
(.079)
4.0
(.157)
2.0
(.079)
DIA. 2 PLCS.
1.2
± .05
(.047
± .002)
1.5
± .05
(.059
± .002)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com