Electronic Components Datasheet Search
  English  ▼

X  

PTS Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PTS
Description  High Grade Slide Potentiometer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PTS Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PTS Datasheet HTML 1Page - Bourns Electronic Solutions PTS Datasheet HTML 2Page - Bourns Electronic Solutions PTS Datasheet HTML 3Page - Bourns Electronic Solutions PTS Datasheet HTML 4Page - Bourns Electronic Solutions PTS Datasheet HTML 5Page - Bourns Electronic Solutions PTS Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
45.0
± 0.5
(1.772
± .020)
65.0
± 0.2
(2.559
± .008)
77.5
(3.052)
MAX.
0.5
(.020)
0.6
(.024)
3.7
± 0.2
(.146
± .008)
5.4
± 0.2
(.213
± .008)
2.3
± 0.2
(.091
± .008)
1.2
± .05
(.047
± .002)
1.8
(.071)
2 PLCS.
8.0
(.315)
4.0 +0/-0.1
(.157 +0/-.004)
6.0
± 0.2
(.157
± .008)
6.8
(.268)
12.5
(.492)
5.0
(.197)
5.0
(.197)
2
1
2'
1'
3'
3
5.0
(.197)
2.0
(.079)
HOLES
6 PLCS.
0.3
(.012)
R
M3 2 PLCS.
10.0
± 0.3
(.394
± .012)
L
± 0.5
(L
± .020)
38.7
± 0.5
(1.524
± .020)
13.0
(.512)
MAX.
20.0
(.787)
30.0
(1.181)
Features
■ High grade, long life
■ Single and dual gang
■ Assortment of resistance tapers
■ Tracking error within ±3 dB
■ 45, 60 and 100 mm sizes
■ Wide operating temperature range
■ T-bar lever option
PTS Series High Grade Slide Potentiometer
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Electrical Characteristics
Standard Resistance Range
....................... 1K ohms to 1 megohm
Standard Resistance Tolerance... ±20 %
End Resistance ................... 1 ohm max.
Insulation Resistance @ 500 VDC
............................. 100 megohms min.
Dielectric Withstanding Voltage
............................................ 1000 VAC
Tracking Error ............................... ±3 dB
Standard Taper .................. Linear, Audio
Power Rating
Linear ..................................... 0.5 watt
Audio.................................... 0.25 watt
Slider Noise .........................60 mV max.
Environmental Characteristics
Operational Life ..............100,000 cycles
TR Shift .................................... ±15 %
Operating Temperature Range
................................. -10 °C to +55 °C
Resistance to Solder Heat............. ±5 %
Mechanical Characteristics
Mechanical Travel........ Length ±0.5 mm
Operating Force .............................60 gf
Stop Strength ......................... 5 kgf min.
Shaft Axial Force .................. 10 kgf min.
Shaft Wobble .. 2(2 x L/25) mm p-p max.
Soldering Condition
Manual ...........300 °C ±5 °C for 3 sec.
Wave ..............260 °C ±5 °C for 5 sec.
Wash .....................Not recommended
Product Dimensions
45 mm Length of Travel
Lever End Syle “A”
DIMENSIONS:
MM
(INCHES)
Standard Resistance Table
Resistance
Resistance
(Ohms)
Code
1,000
102
2,000
202
5,000
502
10,000
103
20,000
203
50,000
503
100,000
104
200,000
204
500,000
504
1,000,000
105
Lever
Length
15.0
(.591)
20.0
(.787)
How To Order
PTS 45 - 0 2 L - 103 B2
Model Number
Designator
PTS = High Grade Slide
Potentiometer
Length of Travel
45 = 45 mm
60 = 60 mm
01 = 100 mm
Lever End Style/Length
0 = Lever End Style “A” / 15 mm
1 = Lever End Style “T” / 8.2 mm
2 = Lever End Style “A” / 20 mm
No. of Gangs
1 = Single Gang
2 = Dual Gang
Mounting Type
L = Solder Lugs
P = PC Pins
Resistance Code
(See Standard Resistance Table)
Resistance Taper (See Taper Charts)
Taper Series followed by Curve Number


Similar Part No. - PTS

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
PTS TTELEC-PTS Datasheet
273Kb / 2P
High stability thin film Platinum sensor
logo
Vishay Siliconix
PTS VISHAY-PTS Datasheet
110Kb / 6P
Platinum SMD Flat Chip Temperature Sensor
08-Dec-15
PTS VISHAY-PTS Datasheet
120Kb / 6P
Temperature Dependent Platinum Thin Film Chip Resistor (RTD)
12-Feb-2019
PTS VISHAY-PTS Datasheet
103Kb / 6P
Platinum SMD Flat Chip Temperature Sensor
28-Sep-15
logo
PANDUIT CORP.
PTS PANDUIT-PTS Datasheet
4Mb / 16P
Heavy Duty Cable Management Solutions
5/2017
More results

Similar Description - PTS

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PTA BOURNS-PTA Datasheet
223Kb / 2P
Low Profile Slide Potentiometer
PDV10-21P-102A BOURNS-PDV10-21P-102A Datasheet
195Kb / 2P
Open Frame Slide Potentiometer
logo
Bi technologies
PS100-1 BITECH-PS100-1 Datasheet
101Kb / 3P
Slide Potentiometer
PS45G BITECH-PS45G Datasheet
110Kb / 4P
Slide Potentiometer
PS30M BITECH-PS30M Datasheet
168Kb / 6P
Slide Potentiometer
PS30 BITECH-PS30 Datasheet
102Kb / 4P
Slide Potentiometer
logo
Bourns Electronic Solut...
PSP BOURNS-PSP Datasheet
464Kb / 2P
Motorized Master Slide Potentiometer
SMLJ12A-Q BOURNS-SMLJ12A-Q Datasheet
838Kb / 3P
Motorized Master Slide Potentiometer
logo
SHINMEI ELECTRIC CO., L...
SLR-1-10101B SHINMEI-SLR-1-10101B Datasheet
140Kb / 3P
SLIDE POTENTIOMETER
logo
TT Electronics.
PSM050S-10B10KB TTELEC-PSM050S-10B10KB Datasheet
376Kb / 3P
Miniature Slide Potentiometer
12/2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com