Electronic Components Datasheet Search
  English  ▼

X  

27C040 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # 27C040
Description  4-Megabit 512K x 8 OTP EPROM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

27C040 Datasheet(HTML) 2 Page - ATMEL Corporation

  27C040 Datasheet HTML 1Page - ATMEL Corporation 27C040 Datasheet HTML 2Page - ATMEL Corporation 27C040 Datasheet HTML 3Page - ATMEL Corporation 27C040 Datasheet HTML 4Page - ATMEL Corporation 27C040 Datasheet HTML 5Page - ATMEL Corporation 27C040 Datasheet HTML 6Page - ATMEL Corporation 27C040 Datasheet HTML 7Page - ATMEL Corporation 27C040 Datasheet HTML 8Page - ATMEL Corporation 27C040 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
AT27C040
0189F–EPROM–4/03
Atmel’s scaled CMOS technology provides low active power consumption, and fast program-
ming. Power consumption is typically 8 mA in active mode and less than 10
µA in standby
mode.
The AT27C040 is available in a choice of industry standard JEDEC-approved one-time pro-
grammable (OTP) plastic PDIP, PLCC and TSOP packages. The device features two-line
control (CE, OE) to eliminate bus contention in high-speed systems.
Atmel’s AT27C040 has additional features to ensure high quality and efficient production use.
The Rapid Programming Algorithm reduces the time required to program the part and guaran-
tees reliable programming. Programming time is typically only 100
µs/byte. The Integrated
Product Identification Code electronically identifies the device and manufacturer. This feature
is used by industry standard programming equipment to select the proper programming algo-
rithms and voltages.
Switching
Considerations
Switching between active and standby conditions via the Chip Enable pin may produce tran-
sient voltage excursions. Unless accommodated by the system design, these transients may
exceed datasheet limits, resulting in device non-conformance. At a minimum, a 0.1
µF high
frequency, low inherent inductance, ceramic capacitor should be utilized for each device. This
capacitor should be connected between the V
CC and Ground terminals of the device, as close
to the device as possible. Additionally, to stabilize the supply voltage level on printed circuit
boards with large EPROM arrays, a 4.7
µF bulk electrolytic capacitor should be utilized, again
connected between the V
CC and Ground terminals. This capacitor should be positioned as
close as possible to the point where the power supply is connected to the array.
Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com