Electronic Components Datasheet Search
  English  ▼

X  

27C040 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # 27C040
Description  4-Megabit 512K x 8 OTP EPROM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

27C040 Datasheet(HTML) 4 Page - ATMEL Corporation

  27C040 Datasheet HTML 1Page - ATMEL Corporation 27C040 Datasheet HTML 2Page - ATMEL Corporation 27C040 Datasheet HTML 3Page - ATMEL Corporation 27C040 Datasheet HTML 4Page - ATMEL Corporation 27C040 Datasheet HTML 5Page - ATMEL Corporation 27C040 Datasheet HTML 6Page - ATMEL Corporation 27C040 Datasheet HTML 7Page - ATMEL Corporation 27C040 Datasheet HTML 8Page - ATMEL Corporation 27C040 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
AT27C040
0189F–EPROM–4/03
Notes:
1. V
CC must be applied simultaneously or before VPP, and removed simultaneously or after VPP.
2. VPP may be connected directly to VCC, except during programming. The supply current would then be the sum of ICC and IPP.
Note:
1. 2, 3, 4, 5 – see AC Waveforms for Read Operation
DC and AC Operating Conditions for Read Operation
AT27C040-70
AT27C040-90
AT27C040-12
AT27C040-15
Operating
Temperature (Case)
Com.
0°C - 70°C
0°C - 70°C
0°C - 70°C
0°C - 70°C
Ind.
-40°C - 85°C
-40°C - 85°C
-40°C - 85°C
-40°C - 85°C
VCC Power Supply
5V
± 10%
5V
± 10%
5V
± 10%
5V
± 10%
DC and Operating Characteristics for Read Operation
Symbol
Parameter
Condition
Min
Max
Units
I
LI
Input Load Current
V
IN = 0V to VCC
±1
µA
ILO
Output Leakage Current
VOUT = 0V to VCC
±5
µA
I
PP1
(2)
V
PP
(1) Read/Standby Current
V
PP = VCC
10
µA
I
SB
V
CC1
(1) Standby Current
I
SB1 (CMOS), CE = VCC ± 0.3V
100
µA
ISB2 (TTL), CE = 2.0 to VCC + 0.5V
1
mA
I
CC
V
CC Active Current
f = 5 MHz, I
OUT = 0 mA, CE = VIL
30
mA
V
IL
Input Low Voltage
-0.6
0.8
V
VIH
Input High Voltage
2.0
VCC + 0.5
V
V
OL
Output Low Voltage
I
OL = 2.1 mA
0.4
V
V
OH
Output High Voltage
I
OH = -400 µA2.4
V
AC Characteristics for Read Operation
Symbol
Parameter
Condition
AT27C040
Units
-70
-90
-12
-15
Min
Max
Min
Max
Min
Max
Min
Max
t
ACC
(3)
Address to Output Delay
CE = OE
= VIL
70
90
120
150
ns
t
CE
(2)
CE to Output Delay
OE = V
IL
70
90
120
150
ns
t
OE
(2)(3)
OE to Output Delay
CE = V
IL
30
35
35
40
ns
tDF
(4)(5)
OE or CE High to Output Float, whichever
occurred first
20
20
30
30
ns
t
OH
Output Hold from Address, CE or OE,
whichever occurred first
0
000
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com