Electronic Components Datasheet Search
  English  ▼

X  

9422CSF50 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 9422CSF50
Description  Accurate and reliable control of motors
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

9422CSF50 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  9422CSF50 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9422CSF50 Datasheet HTML 2Page - List of Unclassifed Manufacturers 9422CSF50 Datasheet HTML 3Page - List of Unclassifed Manufacturers 9422CSF50 Datasheet HTML 4Page - List of Unclassifed Manufacturers 9422CSF50 Datasheet HTML 5Page - List of Unclassifed Manufacturers 9422CSF50 Datasheet HTML 6Page - List of Unclassifed Manufacturers 9422CSF50 Datasheet HTML 7Page - List of Unclassifed Manufacturers 9422CSF50 Datasheet HTML 8Page - List of Unclassifed Manufacturers 9422CSF50 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
For other versions, please consult with your localSchneider Electric /
Square D sales office: visit www.us.telemanique.com.
5/4
5
Connections
■
■
■
■
■ screw clamp terminals or connectors
Rated operational voltage
690 V
Rated operational current
Ie max AC-3 (Ue - 440V)
9 A
12 A
18 A
25 A
32 A
Ie AC-1 (
θ - 60° C)
25 A
32 A
40 A
50 A
Rated operational power
220/240 V
3 Hp
4 Hp
5 Hp
7.5 Hp
10 Hp
in category AC3
380/400 V
5 Hp
7.5 Hp
10 Hp
15 Hp
20 Hp
415/440 V
5 Hp
7.5 Hp
12 Hp
15 Hp
20 Hp
500 V
7.5 Hp
10 Hp
13 Hp
20 Hp
25 Hp
660/690 V
7.5 Hp
10 Hp
13 Hp
20 Hp
25 Hp
1000 V
-
-
-
-
-
Contactor type(1)
LC1D09
LC1D12
LC1D18
LC1D25
LC1D32
Reversing contactor type * with mechanical interlock
LC2D09
LC2D12
LC2D18
LC2D25
LC2D32
■
■
■
■
■ spring terminals (1)
Add the figure 3 before the voltage code. Example LC1D09P7 becomes LC1093P7
■
■
■
■
■ ring tongue terminals (2)
Add the figure 6 before the voltage code. Example LC1D09P7 becomes LC1096P7
■
■
■
■
■ slip-on connectors (3) 2 x 6.35 (power) and 1 x 6.35 (control) up to D12 only
Add the figure 9 before the voltage code. Example LC1D09P7 becomes LC1099P7
(1) Basic catalog number to be completed by adding the coil voltage. Example: LC1D09P7.
Standard control circuit voltages
AC supply
Volts
24
42
48
110
115
220
230
240
380
400
415
440
500
Contactors LC1D09–D50 (coils D115 and D150 with integral suppression device fitted as standard)
50/60 Hz
B7
D7
E7
F7
FE7
M7
P7
U7
Q7
V7
N7
R7
-
Contactors LC1D40–D115
50 Hz
B5
D5
E5
F5
FE5
M5
P5
U5
Q5
V5
N5
R5
S5
60 Hz
B6
-
E6
F6-
M6
-
U6Q6
-
-
R6
-
DCsupply
Volts
12
24
36
48
60
72
110
125
220
250
440
Contactors LC1D09–D38 (coils with integral suppression device fitted as standard)
U 0.7–1.25 Uc
JD
BD
CD
ED
ND
SD
FD
GD
MD
UD
RD
Contactors LC1D40–D95
U 0.85–1.1 Uc
JD
BD
CD
ED
ND
SD
FD
GD
MD
UD
RD
U 0.75–1.2 Uc
JW
BW
CW
EW
-
SW
FW
-
MW
-
-
Contactors LC1D115 and D150 (coils with integral suppression device fitted as standard)
U 0.75–1.2 Uc
-
BD
-
ED
ND
SD
FD
GD
MD
UD
RD
Low consumption
Contactors LC1D09–D38 (coils with integral suppression device fitted as standard)
Volts DC
5
12
20
24
48
110
120
250
U
0.7–1.25 Uc
AL
JL
ZL
BL
EL
FL
ML
UL
Example of complete catalog number LC1D09P7.
For enclosed version of d-Line starters up to 80A, reference catalog 8502CT9901.
Te
Sys
D-line
Contactors
0.5–125 Hp
(1) LC1D093P7
(3) LC1D099P7
(2)LC1D096P7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com