Electronic Components Datasheet Search
  English  ▼

X  

9422CSF50 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # 9422CSF50
Description  Accurate and reliable control of motors
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

9422CSF50 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button 9422CSF50 Datasheet HTML 4Page - List of Unclassifed Manufacturers 9422CSF50 Datasheet HTML 5Page - List of Unclassifed Manufacturers 9422CSF50 Datasheet HTML 6Page - List of Unclassifed Manufacturers 9422CSF50 Datasheet HTML 7Page - List of Unclassifed Manufacturers 9422CSF50 Datasheet HTML 8Page - List of Unclassifed Manufacturers 9422CSF50 Datasheet HTML 9Page - List of Unclassifed Manufacturers 9422CSF50 Datasheet HTML 10Page - List of Unclassifed Manufacturers 9422CSF50 Datasheet HTML 11Page - List of Unclassifed Manufacturers 9422CSF50 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
For other versions, please consult with your local Schneider Electric/
Square D sales office: visit www.us.telemanique.com.
5/7
5
Suppressor modules
Varistors (peak limiting)
Protection provided by limiting the transient voltage to 2 Uc max.
Maximum reduction of transient voltage peaks.
Slight increase in drop-out time (1.1 to 1.5 times the normal time)
Mounting
For use with contactor
Type
Catalog number
Rating
VAC
VDC
Clip-on
D09–D38 (3P)
12–24 V
-
LAD4VE
DT20–DT40 (4P)
50–127 V
-
LAD4VG
110–240 V
-
LAD4VU
Screw clamp
D40–D115 (3P)
24–48 V
-
LA4DE2E
and
50–127 V
-
LA4DE2G
D65–D115 (4P)
110–250 V
-
LA4DE2U
D40–D115 (3P)
-
24–48 V
LA4DE3E
and
-
50–127 V
LA4DE3G
D65–D115 (4P)
-
110–250 V
LA4DE3U
Diodes
No overvoltage or oscillating frequency.
Increase in drop-out time (6 to 10 times the normal time).
Polarised component.
Screw clamp
D40–D95 (3P)
-
24–250 V
LA4DC3U
D65 and D80 (4P)
Bidirectional peak limiting diode
Protection provided by limiting the transient voltage to 2 Uc max.
Maximum reduction of transient voltage peaks.
Clip-on
D09–D38 (3P)
24 V
-
LAD4TB
DT20–DT40 (4P)
72 V
-
LAD4TS
Screw clamp
D40–D95 (3P)
24 V
-
LA4DB2B
D65 and D80 (4P)
72 V
-
LA4DB2S
D40–D95 (3P)
-
24 V
LA4DB3B
D65 and D80 (4P)
-
72 V
LA4DB3S
RC circuits (Resistor-Capacitor)
Effective protection for circuits highly sensitive to "high frequency" interference.
For use only in cases where the voltage is virtually sinusoidal, i.e. less than - 5% total harmonic distortion.
Voltage limited to 3 Uc max and oscillating frequency limited to 400 Hz max.
Slight increase in drop-out time (1.2 to 2 times the normal time)
Clip-on
D09–D38 (3P)
12–24 V
-
LAD4RCE
DT20–DT40 (4P)
110–240 V
-
LAD4RCU
Screw fixing
D40–D150 (3P)
24–48 V
-
LA4DA2E
and
50–127 V
-
LA4DA2G
D65–D115 (4P)
110–240 V
-
LA4DA2U
380–415 V
-
LA4DA2N
Te
Sys
D-line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com