Electronic Components Datasheet Search
  English  ▼

X  

P2N2222 Datasheet(PDF) 5 Page - Motorola, Inc

Part # P2N2222
Description  Amplifier Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

P2N2222 Datasheet(HTML) 5 Page - Motorola, Inc

  P2N2222 Datasheet HTML 1Page - Motorola, Inc P2N2222 Datasheet HTML 2Page - Motorola, Inc P2N2222 Datasheet HTML 3Page - Motorola, Inc P2N2222 Datasheet HTML 4Page - Motorola, Inc P2N2222 Datasheet HTML 5Page - Motorola, Inc P2N2222 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
P2N2222A
5
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Figure 11. “On” Voltages
IC, COLLECTOR CURRENT (mA)
0.4
0.6
0.8
1.0
0.2
0
TJ = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
VBE(on) @ VCE = 10 V
Figure 12. Temperature Coefficients
IC, COLLECTOR CURRENT (mA)
– 0.5
0
+0.5
– 1.0
– 1.5
– 2.5
RqVC for VCE(sat)
RqVB for VBE
0.1
1.0 2.0
5.0
10 20
50
0.2
0.5
100 200
500 1.0 k
1.0 V
– 2.0
0.1
1.0 2.0
5.0
10
20
50
0.2
0.5
100 200
500



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com