Electronic Components Datasheet Search
  English  ▼

X  

P2N2222 Datasheet(PDF) 3 Page - Motorola, Inc

Part # P2N2222
Description  Amplifier Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

P2N2222 Datasheet(HTML) 3 Page - Motorola, Inc

  P2N2222 Datasheet HTML 1Page - Motorola, Inc P2N2222 Datasheet HTML 2Page - Motorola, Inc P2N2222 Datasheet HTML 3Page - Motorola, Inc P2N2222 Datasheet HTML 4Page - Motorola, Inc P2N2222 Datasheet HTML 5Page - Motorola, Inc P2N2222 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
P2N2222A
3
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Figure 1. Turn–On Time
Figure 2. Turn–Off Time
SWITCHING TIME EQUIVALENT TEST CIRCUITS
Scope rise time < 4 ns
*Total shunt capacitance of test jig,
connectors, and oscilloscope.
+16 V
– 2 V
< 2 ns
0
1.0 to 100
µs,
DUTY CYCLE
≈ 2.0%
1 k
Ω
+ 30 V
200
CS* < 10 pF
+16 V
–14 V
0
< 20 ns
1.0 to 100
µs,
DUTY CYCLE
≈ 2.0%
1 k
+ 30 V
200
CS* < 10 pF
– 4 V
1N914
1000
10
20
30
50
70
100
200
300
500
700
1.0 k
0.1
0.2
0.3
0.5 0.7
1.0
2.0
3.0
5.0 7.0
10
20
30
50
70
100
200
300
500 700
IC, COLLECTOR CURRENT (mA)
Figure 3. DC Current Gain
1.0
0.8
0.6
0.4
0.2
0
0.005
0.01
0.02
0.03
0.05
0.1
0.2
0.3
0.5
1.0
2.0
3.0
5.0
10
20
30
50
IB, BASE CURRENT (mA)
Figure 4. Collector Saturation Region
TJ = 125°C
TJ = 25°C
25
°C
–55
°C
IC = 1.0 mA
10 mA
150 mA
500 mA
VCE = 1.0 V
VCE = 10 V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com