Electronic Components Datasheet Search
  English  ▼

X  

BAV99W Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # BAV99W
Description  Switching Diode Array
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAV99W Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  BAV99W Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAV99W Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAV99W Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Dimensions
Min
Max
Min
Max
A
1.90
2.10
0.075
0.083
B
1.15
1.35
0.045
0.053
C
0.25
0.35
0.010
0.014
D
1.20
1.40
0.047
0.055
E
2.00
2.45
0.079
0.096
F
0.80
1.00
0.031
0.039
BAV99W
SOT-323
3K / 7" Reel
RF
A7
B1
D
D1
E
F
K
P0
P2
R
max
+0.1;-0
min
±1.0
±0.05
max
±0.1
±0.1
min
8 mm
4.55
1.5
1
1.75
3.5
2.4
4
2
25
TW
max
max
0.6
8.3
Unit (mm)
Version:A13
Tape Size
Packing code
(Green)
RFG
DIM.
Unit(mm)
Tape and Reel specification
Marking
Unit(inch)
Small Signal Product
Packing
Packing
code
Ordering Information
Part No.
Package



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com